Electronic Components Datasheet Search
  English  ▼

X  

LTC3708 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3708
Description  Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3708 Datasheet(HTML) 2 Page - Linear Technology

  LTC3708 Datasheet HTML 1Page - Linear Technology LTC3708 Datasheet HTML 2Page - Linear Technology LTC3708 Datasheet HTML 3Page - Linear Technology LTC3708 Datasheet HTML 4Page - Linear Technology LTC3708 Datasheet HTML 5Page - Linear Technology LTC3708 Datasheet HTML 6Page - Linear Technology LTC3708 Datasheet HTML 7Page - Linear Technology LTC3708 Datasheet HTML 8Page - Linear Technology LTC3708 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC3708
2
3708fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
33
UH PACKAGE
32-LEAD (5mm
5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
RUN/SS
ITH1
VFB1
TRACK1
SGND
TRACK2
VFB2
ITH2
SENSE1–
PGND1
BG1
DRVCC
BG2
PGND2
SENSE2–
VCC
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS SGND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3708EUH#PBF
LTC3708EUH#TRPBF
3708
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3708EUH
LTC3708EUH#TR
3708
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Input Supply Voltage (VCC, DRVCC)............. 7V to –0.3V
Boosted Topside Driver Supply Voltage
BOOST1, 2 ............................................ 42V to –0.3V
Switch Voltage (SW1, 2) .............................. 36V to –5V
SENSE1+, SENSE2+ Voltages ....................... 36V to –5V
SENSE1–, SENSE2– Voltages .................... 10V to –0.3V
ION1, ION2 Voltages.................................... 21V to –0.3V
(BOOST – SW) Voltages .............................. 7V to –0.3V
RUN/SS, PGOOD Voltages .......................... 7V to –0.3V
PGOOD DC Current ................................................. 5mA
TRACK1, TRACK2 Voltages..............VCC + 0.3V to –0.3V
VRNG1, VRNG2 Voltages.................... VCC + 0.3V to –0.3V
ITH1, ITH2 Voltages.................................... 2.7V to –0.3V
VFB1, VFB2 Voltages .................................. 2.7V to –0.3V
INTLPF, EXTLPF Voltages ......................... 2.7V to –0.3V
FCB Voltages............................................... 7V to –0.3V
Operating Temperature Range (Note 5).... –40°C to 85°C
Junction Temperature (Note 2) ........................... 125°C
Storage Temperature Range................... –65°C to 125°C
Reflow Peak Body Temperature ........................... 260°C
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, DRVCC = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
IQ
Input DC Supply Current
Normal
Shutdown
2.4
250
3
400
mA
μA
IFB1,2
Feedback Pin Input Current
ITH = 1.2V (Notes 3, 4)
–50
–100
nA
VREF
Internal Reference Voltage
ITH = 1.2V, 0°C to 85°C (Notes 3, 4)
ITH = 1.2V (Notes 3, 4)
l
0.594
0.591
0.600
0.600
0.606
0.609
V
V
VFB1,2
Feedback Voltage
ITH = 1.2V (Note 3)
0.594
0.600
0.606
V
ΔVFB(LINEREG)1,2 Feedback Voltage Line Regulation
VCC = 4.5V to 6.5V (Note 3)
0.02
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com