Electronic Components Datasheet Search
  English  ▼

X  

ACT3215A Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT3215A
Description  ACT3215A SMX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT3215A Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT3215A Datasheet HTML 1Page - Advanced Crystal Technology ACT3215A Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Symbol
Specification
condition
Nominal Frequency
fo
32.768KHz
Frequency Tolerance @25°C
Δf/fo
±20ppm
DL 0.1
μW
Frequency v Temperature
Δf/fo
See Drawing Below
Turnover Temperature
Tm
25°C ±5°C
Temperature Coefficient
β
-0.034±0.006ppm / °C
2 max
Temp Operating Range
Topr
-40 ~ +85°C
Temp Storage Range
Tstg
-55 ~ +125°C
Equivalent Series Resistance
ESR
70K
Ω max
Load Capacitance
CL
12.5pF (standard)
Shunt Capacitance
C0
0.95pF Typical
Motional Capacitance
C1
0.0033pF Typical
Drive Level
DL
1.0
μW max
Insulation Resistance
IR
500M
Ω @ 100±15VDC min
Aging
Fa
±3ppm max
First year, 25°C ±3°C
Reflow
Please refer to page 2
Leakage
<1X10
-8 hpa · 1/s
Helium leakage
Issue1M4E
13/08/2008
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
ACT3215A SMX
ISO9001:2000 Registered
Specification
9pF and 7pF available please specify
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
The ACT3215A is a miniature surface mount high density Watch Crystal in a metal lid
ceramic package offering light weight and low height. High stability is assured with a
vacuum, within a seam sealed package. It is very suitable for portable equipment and
close component packing density requirements. The product is available taped and
reeled on 3,000 piece reels and is fully RoHS compatible.
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
For quotations or further information please contact us at:
Material Mass Grams
Material Mass Grams
Ag
0.0720
Mo
0.0458
Al2O3
6.7161
Ni
1.0202
Au
0.8505
Pd
0.0001
CaO
0.0275
Si Resin
0.0080
Co
0.5066
SiO2
0.5674
Cr2O3
0.2837
Sn
0.0800
Fe
1.5840
Ti
0.0006
Ge
0.0648
TiO2
0.0732
MgO
0.0366
W
1.4000
Total
13.33676g
ACT 3215 Material Content


Similar Part No. - ACT3215A

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3215A ACT-ACT3215A Datasheet
212Kb / 3P
miniature surface mount high density Watch Crystal
23/07/2012
ACT3215A ACT-ACT3215A_12 Datasheet
212Kb / 3P
miniature surface mount high density Watch Crystal
23/07/2012
More results

Similar Description - ACT3215A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9080 MITEL-MT9080 Datasheet
305Kb / 24P
CMOS SMX - Switch Matrix Module
MT9080B MITEL-MT9080B Datasheet
123Kb / 25P
CMOS SMX - Switch Matrix Module
logo
Advanced Crystal Techno...
ACT_TWC912_TWC913 ACT-ACT_TWC912_TWC913 Datasheet
379Kb / 3P
ACT TWC912 SMX-2 & ACT TWC913 SMX-2
16/05/2013
logo
AVX Corporation
SMX AVX-SMX Datasheet
163Kb / 4P
SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com