Electronic Components Datasheet Search
  English  ▼

X  

LB8628PL Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB8628PL
Description  Two Saturated Drive Channels
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8628PL Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB8628PL Datasheet HTML 1Page - Sanyo Semicon Device LB8628PL Datasheet HTML 2Page - Sanyo Semicon Device LB8628PL Datasheet HTML 3Page - Sanyo Semicon Device LB8628PL Datasheet HTML 4Page - Sanyo Semicon Device LB8628PL Datasheet HTML 5Page - Sanyo Semicon Device LB8628PL Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LB8682PL
No.A0294-4/6
Block Diagram
Usage Notes
• The constant-current level is set with the resistor RF. The formula for calculating the current is shown below.
Constant-current level = 0.2 ÷ RF
• Connect capacitors between VCC and ground to reduce the amount of motor noise that enters the power supply.
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
RL
4700pF
P-GND
Stepping
Motor
RFG1
RFG2
RF
S-GND
IN4
IN3
IN2
ENA2
ENA1
IN1
60k
Ω
60k
Ω
60k
Ω
60k
Ω
60k
Ω
60k
Ω
0.2V
VCC
VCC
VCC
Thermal
shutdoun circuit
Constant current
control amplifier
Reference
voltage
This capacitor may be required
depending on the mechanical shutter used.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com