Electronic Components Datasheet Search
  English  ▼

X  

LB8659FN Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB8659FN
Description  DSC Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8659FN Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB8659FN Datasheet HTML 1Page - Sanyo Semicon Device LB8659FN Datasheet HTML 2Page - Sanyo Semicon Device LB8659FN Datasheet HTML 3Page - Sanyo Semicon Device LB8659FN Datasheet HTML 4Page - Sanyo Semicon Device LB8659FN Datasheet HTML 5Page - Sanyo Semicon Device LB8659FN Datasheet HTML 6Page - Sanyo Semicon Device LB8659FN Datasheet HTML 7Page - Sanyo Semicon Device LB8659FN Datasheet HTML 8Page - Sanyo Semicon Device LB8659FN Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LB8659FN, LB8659PL
No.7899-4/16
[Remarks]
1) Specifies the IC standby leak current.
2) Specifies the output voltage when the constant voltage is output from pins OUT1 to OUT4.
3) Specifies the output transistor (upper and lower) saturation voltage at pins OUT1 to OUT4.
4) Specifies the current dissipated at the pin VB1. (IN1/2/3/4=H/L/L/L or L/H/L/L or L/L/H/L or L/L/L/H)
5) Specifies the current dissipated at the pin VB1. (IN1/2/3/4=H/L/H/L or H/L/L/H or L/H/H/L or L/H/L/H)
6) Specifies the output voltage when the constant voltage is output from pins OUT5 to OUT6.
7) Specifies the output transistor (upper and lower) saturation voltage at pins OUT5 to OUT6.
8) Specifies the current dissipated at the pin VB2.
9) Specifies the output voltage when the constant voltage is output from pins OUT7 to OUT8.
10) Specifies the output transistor (upper and lower) saturation voltage at pins OUT7 to OUT8.
11) Specifies the current dissipated at the pin VB1. (IN7/8=H/L or L/H)
12) Specifies the output current when the constant current is output from pins OUT9 to OUT10.
13) Specifies the output voltage variation caused by supply voltage fluctuation when the constant current is output
from pins OUT9 and OUT10.
14) Specifies the output transistor (upper and lower) saturation voltage at pins OUT9 to OUT10.
15) Specifies the saturation voltage of the IC pin discharge transistor.
16) Specifies the saturation voltage of the ICH pin discharge transistor. [LB8659FN only]
17) Specifies the current dissipated at the pin VB1. (IN9/10=H/L or L/H or H/H)
18) Specifies the output voltage at VREF.
19) Specifies the saturation voltage of the output transistor at pins ZMPR, ZMPI and AFPI.
20) Specifies the input current when the voltage input at pins IN1 to IN11 is “H”.
21) Specifies the input current when the voltage input at pins IN1 to IN11 is “L”
22) Specifies the overheat protection circuit detection temperature. (design guaranteed)
Package Dimensions
unit : mm
3293
[LB8659FN]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com