Electronic Components Datasheet Search
  English  ▼

X  

LCE20 Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # LCE20
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

LCE20 Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  LCE20 Datasheet HTML 1Page - MDE Semiconductor, Inc. LCE20 Datasheet HTML 2Page - MDE Semiconductor, Inc. LCE20 Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94 V-O
• Glass passivated junction
• 1500W Peak Pulse Power
capability on 10/1000 µs waveform
• Glass passivated junction
• Low incremental surge resistance
• Excellent clamping capability
• Repetition rate (duty cycle): 0.05%
• Fast response time: typically less than
5.0 ns from 0 volts to V(BV)
• Ideal for data line applications
• High temperature soldering guaranteed:
265°C/10 seconds/ .375", (9.5mm) lead
length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-201 Molded plastic over glass passivated junction
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.045 ounces, 1.2 grams
Ratings at 25°C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 10/1000 µs
waveform (NOTE 1, Fig.1)
IPPM
SEE TABLE 1
Amps
Operatings and Storage Temperature Range
TJ, TSTG
-65 +175
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 °C per Fig.2.
Certified RoHS Compliant
UL File # E223026
Peak Pulse Current of on 10/1000 µs waveform (Note 1,Fig 3)
Steady State Power Dissipation at
TL = 75°C
Lead lengths .375", 9.5mm
P
M(AV)
5.0
MAXIMUM RATINGS AND CHARACTERISTICS
Watts
P
PPM
Minimum 1500
Watts
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE- 6.5 TO 28 Volts
1500 Watt Peak Pulse Power
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
LCE SERIES


Similar Part No. - LCE20

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE20 EIC-LCE20 Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE20 MICROSEMI-LCE20 Datasheet
85Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Vishay Siliconix
LCE20 VISHAY-LCE20 Datasheet
93Kb / 5P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
20-Oct-08
logo
Shenzhen Taychipst Elec...
LCE20 TAYCHIPST-LCE20 Datasheet
7Mb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
LCE20 SOCAY-LCE20 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors
More results

Similar Description - LCE20

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SAC5.0 MDE-SAC5.0 Datasheet
72Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com