Electronic Components Datasheet Search
  English  ▼

X  

SM6803 Datasheet(PDF) 9 Page - SamHop Microelectronics Corp.

Part # SM6803
Description  WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM6803 Datasheet(HTML) 9 Page - SamHop Microelectronics Corp.

Back Button SM6803 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM6803 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM6803 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM6803 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM6803 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM6803 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM6803 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM6803 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM6803 Datasheet HTML 13Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PACKAGE
SAMHOP Microelectronics Corp.
WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
SM6802L Surface Mount SOT-25
D
b
e
e1
C
12
3
54
Unit : mm
θ2
4Xθ1
y
θ
L2
GAUGE PLANE
R
Page 8
SYMBOL
MIN.
MOM.
MAX.
A
1.05
-
1.35
A1
0.05
-
0.15
A2
1.00
1.10
1.20
b
0.30
-
0.50
c
D
E
E1
e
0.95 BSC.
e1
1.90 BSC.
L
0.35
0.45
0.55
L1
0.60 REF
L2
0.25 BSC.
R
0.10
-
-
y
-
-
0.10
0.08
-
0.20
2.80
2.90
3.00
2.60
2.80
3.00
1.50
1.60
1.70
θ1
7°NOM
θ2
5°NOM
θ
0°
-
8°
V.1.0 July 12,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com