Electronic Components Datasheet Search
  English  ▼

X  

SM7512SL Datasheet(PDF) 15 Page - SamHop Microelectronics Corp.

Part # SM7512SL
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7512SL Datasheet(HTML) 15 Page - SamHop Microelectronics Corp.

Back Button SM7512SL Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7512SL Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7512SL Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7512SL Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7512SL Datasheet HTML 12Page - SamHop Microelectronics Corp. SM7512SL Datasheet HTML 13Page - SamHop Microelectronics Corp. SM7512SL Datasheet HTML 14Page - SamHop Microelectronics Corp. SM7512SL Datasheet HTML 15Page - SamHop Microelectronics Corp. SM7512SL Datasheet HTML 16Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
PACKAGE OUTLINE
SM7512F 16PIN SSOP
SAMHOP Microelectronics Corp.
Page 14
Unit : mm
Gauge plane
0.2000
C
SYMBOLS
MIN.
NOM.
MAX.
A
A1
A2
b
C
D
E
E1
e
L
y
θ
L1
1.35
1.50
1.65
0.00
―
0.10
1.45
0.20
0.25
0.30
0.19
―
0.25
4.80
5.00
5.80
6.0
6.20
3.80
3.9
4.00
―
0.64
―
0.40
1.27
――
0.10
0°
―
8°
0.95
1.05
1.15
NOTES:
1. PACKAGE BODY SIZE EXCLUDE MOLD FLASH PROTRUSION
OR GATE BURRS.
2. TOLERANCE ± 0.1mm UNLESS OTHERWISE SPECIFIED
3. DIMENSION L IS MEASURED IN GAGE PLANE
4. CONTROLLING DIMENSION IS MILLIMETER. CONVERTED
INCH DIMENSION ARE NOT NECESSARILY EXACT.
5. DIE PAD EXPOSURE SIZE IS ACCORDING TO LEAD FRAME
DESIGN
6. FOLLOWED FROM JEDEC MO-137
e
b
y
7°(4X)
―
―
―
―
1
16
8
9
D
Thermal Pad
(NOTE 5)
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
V.1.4 Revised May 28,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com