Electronic Components Datasheet Search
  English  ▼

X  

ST426S Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # ST426S
Description  N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

ST426S Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  ST426S Datasheet HTML 1Page - SamHop Microelectronics Corp. ST426S Datasheet HTML 2Page - SamHop Microelectronics Corp. ST426S Datasheet HTML 3Page - SamHop Microelectronics Corp. ST426S Datasheet HTML 4Page - SamHop Microelectronics Corp. ST426S Datasheet HTML 5Page - SamHop Microelectronics Corp. ST426S Datasheet HTML 6Page - SamHop Microelectronics Corp. ST426S Datasheet HTML 7Page - SamHop Microelectronics Corp. ST426S Datasheet HTML 8Page - SamHop Microelectronics Corp. ST426S Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6
F igure 12. Ma ximum S a fe
Opera ting Area
V DS , Drain-S ource V oltage (V )
100
10
0.5
0.1
1
110
30
60
V GS =10V
S ingle P uls e
Tc=25 C
DC
1s
100
m
s
10ms
1m
s
F igure 10. G a te C ha rge
Q g, T otal G ate C harge (nC )
10
8
6
4
2
0
05
10
15
20
25
30
35 40
V DS =15V
ID=10A
Figure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
2400
2000
1600
1200
800
400
0
Cis s
Cos s
Crs s
F igure 11. s witching cha ra cteris tics
R g, G ateR es is tance(
Ω)
100
10
1
1
610
60 100
60
600
300
220
T D(off)
Tf
V DS =15V , ID=1A
V G S =10V
5
600
TD(on)
Tr
S T U/D426S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com