Electronic Components Datasheet Search
  English  ▼

X  

STM6610 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STM6610
Description  Dual N-Channel E nhancement Mode F ield E ffect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM6610 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STM6610 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM6610 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM6610 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM6610 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM6610 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM6610 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM6610 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
VGS, Gate-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
3
5
45
36
27
18
9
0
0
0.5
1
1.5
2
2.5
3
VGS=3V
20
16
12
8
4
0
0
0.7
1.4
2.1
2.8
3.5
4.2
Tj=125 C
Parameter
Symbol
Condition
Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
V
b
C
Notes
c.Guaranteed by design,not subject to production testing.
b.Pulse Test:Pulse Width 300 s,Duty Cycle 2%.
a.Surface Mounted on FR4 Board,t 10sec.
VGS=3.5V
S T M6610
VGS=4.5V
VGS=4V
VGS=10V
-55 C
25 C
ID, Drain C urrent (A)
42
35
28
21
14
7
1
F igure 3. On-R es is tance vs . Drain C urrent
and G ate V oltage
9
18
27
36
45
1
V GS =10V
V GS =4.5V
VGS=2.5V
VGS = 0V, Is =1.7A
0.8
1.2
F igure 4. On-R es is tance Variation with
Drain C urrent and Temperature
1.5
1.4
1.3
1.2
1.1
1.0
0
0
100
T j( C )
75
25
50
T j, J unction T emperature ( C )
V G S =4.5V
ID=5A
125
V G S =10V
ID=8A
150



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com