Electronic Components Datasheet Search
  English  ▼

X  

STM8020 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STM8020
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8020 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STM8020 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8020 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8020 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8020 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8020 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8020 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8020 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STM8020
ELECTRICAL CHARACTERISTICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID 250uA
=
35
V
Zero Gate Voltage Drain Current
IDSS
VDS 28V, VGS 0V
=
1
uA
Gate-Body Leakage
IGSS
VGS
20V, VDS 0V
=
uA
ON CHARACTERISTICS
b
Gate Threshold Voltage
VGS(th)
VDS VGS,ID = 250uA
=
13
V
Drain-Source On-State Resistance
RDS(ON)
VGS 10V, ID 10A
VGS 4.5V, ID 6A
On-State Drain Current
ID(ON)
VDS =10V,VGS =10V
20
25
A
S
Forward Transconductance
FS
g
VDS 10V, ID 10A
DYNAMIC CHARACTERISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
Reverse Transfer Capacitance
VDS =20V, VGS =0V
f =1.0MHZ
1400
P
F
255
P
F
P
F
145
SWITCHING CHARACTERISTICS
c
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
tD(ON)
t
tD(OFF)
t
VDD =15V
ID =1A
VGS =10V
RGEN =6
19
ns
ns
ns
ns
20
40
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =15V, ID = 10A
VGS =10V
24
nC
nC
nC
C
Fall Time
=
=
==
2
5
77
2.5
5.5
mohm
m ohm
ohm
nC
VDS =15V, ID = 10A,VGS =10V
VDS =15V, ID = 10A,VGS =4.5V
11
10
=
=
=
=
9
13
1.4
7.2
9.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com