Electronic Components Datasheet Search
  English  ▼

X  

STM8300 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STM8300
Description  Dual Enhancement Mode Field Effect Transistor ( N and P Channel )
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8300 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STM8300 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8300 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STM8300
www.samhop.com.tw
Jul,31,2008
4
T j ( °
C )
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
with Temperature
N-Channel
25
20
15
10
5
0
0
0.5
1
1.5
2
2.5
3
VGS =10V
VGS =4.5V
VGS =2.5V
VGS =3V
VGS =3.5V
VGS =4V
15
12
9
6
3
0
-55 C
T j=125 C
0.0
0.7
1.4
2.1
2.8
3.5
4.2
25 C
78
65
52
39
26
13
0
25
1
5
10
15
20
V GS =10V
V GS =4.5V
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0
25
50
75
150
100
125
1.6
1.4
1.2
1.0
0.6
0.8
0.4
-55 -25
0
25
50
75
100 125 150
V DS =V GS
ID=250uA
-50
-25
0
25
50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
ID=5.3A
VGS=10V
VGS=4.5V
ID=4.5A
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com