Electronic Components Datasheet Search
  English  ▼

X  

AMDM-7 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # AMDM-7
Description  AMDM Series FAST / TTL Buffered 5-Tap Delay Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

AMDM-7 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  AMDM-7 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
AMDM 9901
Vcc
8
1
IN
3
5
6
7
GND
4
2
Tap4
Tap5
Tap1 Tap3
Tap2
.505
(12.83)
MAX.
.120
MIN.
(3.05)
MAX.
.250
(6.35)
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.020
(0.51)
TYP.
.300
(7.62)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.365
(9.27)
MAX.
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.400 (10.16)
.430 (10.92)
.030
(0.76)
TYP.
.008 R
(0.20)
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.010
(0.25)
TYP.
.505
(12.83)
MAX.
.285
(7.24)
MAX.
MAX.
.265
(6.73)
.030
(0.76)
TYP.
.330 (8.38)
MAX.
.020 R
(0.51)
.285 (7.24)
.260 (6.60)
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.505
(12.83)
MAX.
.285
(7.24)
MAX.
AMDM 8-Pin Schematic
DImensions in Inches (mm)
Electrical Specifications at 25OC
G-SMD
G-SMD
J-SMD
J-SMD
DIP
DIP
** These part numbers do not have 5 equal taps. Tap-to-Tap Delays reference Tap 1.
AMDM Series FAST / TTL Buffered 5-Tap Delay Modules
P/N Description
AMDM - XXX X
Buffered 5 Tap Delay
Molded Package Series:
8-pin DIP: AMDM
Total Delay in nanoseconds (ns)
Lead Style: Blank = Thru-hole
G = “Gull Wing” SMD
J = “J” Bend SMD
Examples: AMDM-25G = 25ns (5ns per tap)
74F/TTL, 8-Pin G-SMD
AMDM-100 =
100ns (20ns per tap)
74F/TTL, 8-Pin DIP
OPERATING SPECIFICATIONS
V
CC Supply Voltage ...................................
5.00 ± 0.25 VDC
I
CC
Supply Current .................................... 48 mA Maximum
Logic “1” Input: V
IH .......................
2.00 V min., 5.50 V max.
I
IH ............................... 20 µA max. @ 2.70V
Logic “0” Input: V
IL ..........................................
0.80 V max.
I
IL ............................................
-0.6 mA mA
V
OH
Logic “1” Voltage Out .................................. 2.40 V min.
V
OL
Logic “0” Voltage Out ............................... 0.50 V max.
P
WI
Input Pulse Width ............................. 40% of Delay min.
Operating Temperature Range ............................ 0O to 70OC
Storage Temperature Range ...................... -65O to +150OC
TEST CONDITIONS -- FAST / TTL
V
CC Supply Voltage ................................................
5.00VDC
Input Pulse Voltage ................................................... 3.20V
Input Pulse Rise Time ....................................... 3.0 ns max.
Input Pulse Width / Period ........................... 1000 / 2000 ns
1. Measurements made at 25OC
2. Delay Times measured at 1.50V level of leading edge.
3. Rise Times measured from 0.75V to 2.40V.
4. 10pf probe and fixture load on output under test.
Low Profile 8-Pin Package
Two Surface Mount Versions
FAST/TTL Logic Buffered
5 Equal Delay Taps
Operating Temperature
Range 0OC to +70OC
14-Pin Versions: FAIDM Series
SIP Versions: FSIDM Series
Low Voltage CMOS Versions
refer to LVMDM / LVIDM Series
FAST/TTL
5-tap 8-Pin DIP
Tap Delay Tolerances +/- 5% or 2ns (+/- 1ns <13ns)
Tap-to-Tap
(ns)
Tap 1
Tap 2
Tap 3
Tap 4
Total - Tap 5
AMDM-7
3.0
4.0
5.0
6.0
7 ± 1.0
∗∗ 1 ± 0.5
AMDM-9
3.0
4.5
6.0
7.5
9 ± 1.0
∗∗ 1.5 ± 0.5
AMDM-11
3.0
5.0
7.0
9.0
11 ± 1.0
∗∗ 2 ± 0.7
AMDM-13
3.0
5.5
8.0
10.5
13 ± 1.5
∗∗ 2.5 ± 1.0
AMDM-15
3.0
6.0
9.0
12.0
15 ± 1.5
3 ± 1.0
AMDM-20
4.0
8.0
12.0
16.0
20 ± 2.0
4 ± 1.5
AMDM-25
5.0
10.0
15.0
20.0
25 ± 2.0
5 ± 2.0
AMDM-30
6.0
12.0
18.0
24.0
30 ± 2.0
6 ± 2.0
AMDM-35
7.0
14.0
21.0
28.0
35 ± 2.0
7 ± 2.0
AMDM-40
8.0
16.0
24.0
32.0
40 ± 2.0
8 ± 2.0
AMDM-50
10.0
20.0
30.0
40.0
50 ± 2.5
10 ± 2.0
AMDM-60
12.0
24.0
36.0
48.0
60 ± 3.0
12 ± 2.0
AMDM-75
15.0
30.0
45.0
60.0
75 ± 3.75
15 ± 2.5
AMDM-100
20.0
40.0
60.0
80.0
100 ± 5.0
20 ± 3.0
AMDM-125
25.0
50.0
75.0
100.0
125 ± 6.25
25 ± 3.0
AMDM-150
30.0
60.0
90.0
120.0
150 ± 7.5
30 ± 3.0
AMDM-200
40.0
80.0
120.0
160.0
200 ± 10.0
40 ± 4.0
AMDM-250
50.0
100.0
150.0
200.0
250 ± 12.5
50 ± 5.0
AMDM-350
70.0
140.0
210.0
280.0
350 ± 17.5
70 ± 5.0
AMDM-500
100.0
200.0
300.0
400.0
500 ± 25.0
100 ± 10.0


Similar Part No. - AMDM-7

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AMD-12V030WXYA DELTA-AMD-12V030WXYA Datasheet
313Kb / 5P
30Watts Output Power
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
60Watts Output Power
AMD-24V080WXYA DELTA-AMD-24V080WXYA Datasheet
315Kb / 5P
80Watts Output Power
logo
PAIRUI GROUP INC.
AMD-3 PAIRUI-AMD-3 Datasheet
485Kb / 4P
AC-DC Converter
AMD-4 PAIRUI-AMD-4 Datasheet
485Kb / 4P
AC-DC Converter
More results

Similar Description - AMDM-7

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
ACDM-30 RHOMBUS-IND-ACDM-30 Datasheet
36Kb / 1P
ACDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules
AIDM-7 RHOMBUS-IND-AIDM-7 Datasheet
39Kb / 1P
AIDM Series FAST / TTL Buffered 5-Tap Delay Modules
D2TZM1-10 RHOMBUS-IND-D2TZM1-10 Datasheet
39Kb / 1P
14 Pin 10-Tap TTL Buffered Delay Modules
DAIDM-7 RHOMBUS-IND-DAIDM-7 Datasheet
38Kb / 1P
DAIDM Series FAST / TTL Buffered 5-Tap Dual Edge Delay Modules
DTZM1-9 RHOMBUS-IND-DTZM1-9 Datasheet
35Kb / 1P
DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
FAST / TTL Buffered 5-Tap Delay Modules
FAMDM-7 RHOMBUS-IND-FAMDM-7 Datasheet
38Kb / 1P
FAMDM Series FAST / TTL Buffered 5-Tap Delay Modules
FSIDM-9 RHOMBUS-IND-FSIDM-9 Datasheet
33Kb / 1P
FSIDM Series FAST / TTL Buffered 5-Tap Delay Modules
XAITD-12 RHOMBUS-IND-XAITD-12 Datasheet
43Kb / 1P
XAITD Series FAST / TTL Buffered 10-Tap Delay Modules
FAITD-12 RHOMBUS-IND-FAITD-12 Datasheet
44Kb / 1P
FAITD Series FAST / TTL Buffered 10-Tap Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com