Electronic Components Datasheet Search
  English  ▼

X  

ACDM-35J Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # ACDM-35J
Description  ACDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

ACDM-35J Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  ACDM-35J Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
ACDM 9901
ACDM 14-Pin Schematic
1
IN
4
6
Tap4
7
GND
Tap5
8
10
Tap1
12
Vcc
14
Tap3
Tap2
ACDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules
74ACT type input is compatible with TTL
Outputs can Source / Sink 24 mA
P/N Description
ACDM - XXX X
74ACT Buffered 5 Tap Delay
Molded Package Series:
14-pin DIP: ACDM
Total Delay in nanoseconds (ns)
Lead Style: Blank = Thru-hole
G = “Gull Wing” SMD
J = “J” Bend SMD
Examples: ACDM-25G =
50ns (10ns / tap) 74ACT, 14-Pin G-SMD
ACDM-100 =
100ns (20ns / tap) 74ACT, 14-Pin DIP
Electrical Specifications at 25OC
74ACT 5 Tap
14-pin DIP P/N
Tap Delay Tolerances +/- 5% or 2ns (+/- 1ns <13ns)
Tap-to-Tap
(ns)
Tap 1
Tap 2
Tap 3
Tap 4
Total - Tap 5
ACDM-30
6.0
12.0
18.0
24.0
30 ± 2.0
6 ± 2.0
ACDM-35
7.0
14.0
21.0
28.0
35 ± 2.0
7 ± 2.0
ACDM-40
8.0
16.0
24.0
32.0
40 ± 2.0
8 ± 2.0
ACDM-50
10.0
20.0
30.0
40.0
50 ± 2.5
10 ± 2.0
ACDM-60
12.0
24.0
36.0
48.0
60 ± 3.0
12 ± 2.0
ACDM-75
15.0
30.0
45.0
60.0
75 ± 3.75
15 ± 2.5
ACDM-80
16.0
32.0
48.0
64.0
80 ± 4.0
16 ± 3.0
ACDM-100
20.0
40.0
60.0
80.0
100 ± 5.0
20 ± 3.0
ACDM-125
25.0
50.0
75.0
100.0
125 ± 6.25
25 ± 3.0
ACDM-150
30.0
60.0
90.0
120.0
150 ± 7.5
30 ± 3.0
ACDM-200
40.0
80.0
120.0
160.0
200 ± 10.0
40 ± 4.0
ACDM-250
50.0
100.0
150.0
200.0
250 ± 12.5
50 ± 5.0
Low Profile 14-Pin Package
Two Surface Mount Versions
Available in Low Voltage CMOS
74LVC Logic version LVIDM Series
5 Equal Delay Taps
Operating Temp. -40OC to +85OC
OPERATING SPECIFICATIONS
Supply Voltage, V
CC ......................................
5.00
± 0.50 VDC
Supply Current, I
CC ...........................
14 mA typ., 28 mA max.
I
CCH,
V
IN = VCC, VCC = 5.5V .............................
40
µA typ.
I
CCL,
V
IN = 0V, VCC = 5.5V .............................
25 mA typ.
Logic “1” Input: V
IH ...........................
2.00 V min., 5.50V max.
Logic “0” Input: V
IL ..............................................
0.80 V max.
Logic “1” Voltage Out, V
OH ......................................
3.8 V min.
Logic “0” Voltage Out, V
OL ...................................
0.44 V max.
Max. Input Current, I
IN ................................................ ± 1.0 µA
Minimum Input Pulse Width ........................ 40% of Delay min.
Operating Temperature Range ......................... -40O to +85OC
Storage Temperature Range ......................... -65O to +150OC
TEST CONDITIONS -- Advanced CMOS, 74ACT
V
CC Supply Voltage ................................................
5.00VDC
Input Pulse Voltage ................................................... 3.00V
Input Pulse Rise Time ....................................... 3.0 ns max.
Input Pulse Width / Period ........................... 1000 / 2000 ns
1. Measurements made at 25OC
2. Delay Times measured at 1.50V level of input to
+2.50V level of Output on leading edge.
3. Rise Times measured from 10% to 90% points.
4. 50pf probe and fixture load on output under test.
.300
(7.62)
.285
(7.24)
MAX.
.008 R
(0.20)
.365
(9.27)
MAX.
.010
(0.25)
TYP.
.120
(3.05)
MIN.
.250
(6.35)
MAX.
.020
(0.51)
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
Dimensions in Inches (mm)
.400 (10.16)
.430 (10.92)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.008 R
(0.20)
.030
(0.76)
TYP.
.330 (8.38)
MAX.
.020 R
(0.51)
.285
(7.24)
MAX.
.285 (7.24)
.260 (6.60)
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.785
(19.94)
MAX.
.265
(6.73)
MAX.
.030
(0.76)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
G-SMD
G-SMD
J-SMD
J-SMD
DIP
DIP


Similar Part No. - ACDM-35J

ManufacturerPart #DatasheetDescription
logo
Pro-Power
ACDM2 PROPOWER-ACDM2 Datasheet
29Kb / 1P
CD/DVD Pens
ACDM5 PROPOWER-ACDM5 Datasheet
29Kb / 1P
CD/DVD Pens
More results

Similar Description - ACDM-35J

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
ACMDM-30 RHOMBUS-IND-ACMDM-30 Datasheet
36Kb / 1P
ACMDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules
AIDM-7 RHOMBUS-IND-AIDM-7 Datasheet
39Kb / 1P
AIDM Series FAST / TTL Buffered 5-Tap Delay Modules
AMDM-7 RHOMBUS-IND-AMDM-7 Datasheet
38Kb / 1P
AMDM Series FAST / TTL Buffered 5-Tap Delay Modules
DAIDM-7 RHOMBUS-IND-DAIDM-7 Datasheet
38Kb / 1P
DAIDM Series FAST / TTL Buffered 5-Tap Dual Edge Delay Modules
DTZM1-9 RHOMBUS-IND-DTZM1-9 Datasheet
35Kb / 1P
DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
FAST / TTL Buffered 5-Tap Delay Modules
FAMDM-7 RHOMBUS-IND-FAMDM-7 Datasheet
38Kb / 1P
FAMDM Series FAST / TTL Buffered 5-Tap Delay Modules
FSIDM-9 RHOMBUS-IND-FSIDM-9 Datasheet
33Kb / 1P
FSIDM Series FAST / TTL Buffered 5-Tap Delay Modules
LVMDM-7G RHOMBUS-IND-LVMDM-7G Datasheet
35Kb / 1P
LVMDM Series LVC Low Voltage Logic Buffered 5-Tap Delay SMD Modules
XAITD-12 RHOMBUS-IND-XAITD-12 Datasheet
43Kb / 1P
XAITD Series FAST / TTL Buffered 10-Tap Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com