Electronic Components Datasheet Search
  English  ▼

X  

STM8456 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STM8456
Description  Dual Enhancement Mode Field Effect Transistor ( N and P Channel )
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8456 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STM8456 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8456 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8456 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8456 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8456 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8456 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8456 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8456 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8456 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STM8456
www.samhop.com.tw
May,29,2008
4
T j ( °
C )
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
with Temperature
N-Channel
20
12
8
4
0
0
0.8
1.6
2.4
3.2
4.0
4.8
16
T j =125 C
-55 C
25 C
60
48
36
24
12
0
8
16
24
32
40
1
V G S =10V
V G S =4.5V
72
1.5
1.4
1.3
1.2
1.1
1.0
0.0
0
25
50
75
100
125
V G S =10V
ID=6.2A
V G S =4.5V
ID=5.3A
150
40
32
24
16
8
0
0
0.5
1
1.5
2
2.5
3
V GS =2.5V
V GS =3V
V GS =3.5V
V GS =4V
V GS =4.5V
V GS =10V
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
-50 -25
0
25
50
75
100 125 150
V DS =V GS
ID=250uA
-50
-25
0
25
50
75
100 125 150
0.95
0.90
0.85
ID=250uA
1.00
1.05
1.10
1.15
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com