Electronic Components Datasheet Search
  English  ▼

X  

STM9926 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STM9926
Description  Dual N-Channel E nhancement Mode F ield E ffect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM9926 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STM9926 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM9926 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM9926 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM9926 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM9926 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM9926 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM9926 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
S TM9926
6
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
5
4
3
2
1
0
0
1
2
3
4
5
6
7
8
VDS=10V
ID=6.5A
F igure 11.s witching characteris tics
R g, G ate R esistance (
W)
5
F igure 12. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
50
10
1
0.1
0.03
0.1
1
10
60
VGS=10V
S ingle P ulse
TA=25 C
R D
S (O
N)
Lim
it
10m
s
100
ms
1s
DC
100
10
1
1
6 10
60 100
60
600
300
600
V DS =10V ,ID=1A
V G S =4.5V
T r
T f
30
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
600
500
400
300
200
100
0
0
2
4
6
8
10
12
C iss
C oss
C rss
0.01
0.1
1
9
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration(sec)
Normalized Thermal Transient Impedance Curve
Single Pulse
on
PDM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datasheet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
th
th
th
0.01
0.02
0.5
0.2
0.1
0.05
T D ( o n )
T D ( o f f )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com