Electronic Components Datasheet Search
  English  ▼

X  

STS2601 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STS2601
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS2601 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STS2601 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS2601 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS2601 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS2601 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS2601 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS2601 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS2601 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
1
IGSS
±100
nA
VGS(th)
-0.5
V
60
gFS
S
VSD
CISS
586
pF
COSS
101
pF
CRSS
59
pF
Qg
6.5
32.1
nC
Qgs
58.4
nC
Qgd
tD(ON)
ns
tr
1.36
ns
tD(OFF)
1.4
ns
tf
ns
Gate-Drain Charge
VDS=-10V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=-10V
ID=-1A
VGS=-4.5V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
m ohm
VGS=-4.5V , ID=-4.0A
VDS=-5.0V , ID=-4.0A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=-250uA
VDS=-16V , VGS=0V
VGS= ±10V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
80
c
f=1.0MHz
c
VDS=-10V,ID=-4.0A,
VGS=-4.5V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=-1.25A
-0.815
-1.2
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
_
_
STS2601
Ver 1.0
www.samhop.com.tw
Nov,17,2008
2
_
-0.8
-1.5
IS
Maximum Continuous Drain-Source Diode Forward Current
-1.25
A
48
5.92
nC
VGS=-2.5V , ID=-3.4A
80
110
m ohm
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com