Electronic Components Datasheet Search
  English  ▼

X  

74ACT11286D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT11286D
Description  9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11286D Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11286D Datasheet HTML 1Page - Texas Instruments 74ACT11286D Datasheet HTML 2Page - Texas Instruments 74ACT11286D Datasheet HTML 3Page - Texas Instruments 74ACT11286D Datasheet HTML 4Page - Texas Instruments 74ACT11286D Datasheet HTML 5Page - Texas Instruments 74ACT11286D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74ACT11286
9-BIT PARITY GENERATOR/CHECKER
WITH BUS DRIVER PARITY I/O PORTS
SCAS069B – AUGUST 1988 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Generates Either Odd or Even Parity for
Nine Data Lines
D Cascadable for n-Bits Parity
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic
Small-Outline (D) Packages and Standard
Plastic 300-mil DIPs (N)
description
The 74ACT11286 universal 9-bit parity generator/checker features a local output for parity checking and a
bus-driving parity I/O port for parity generation/checking. The word-length capability is easily expanded by
cascading.
The XMIT control input is implemented specifically to accommodate cascading. When the XMIT is low, the parity
tree is disabled and the PARITY ERROR output remains at a high logic level, regardless of the input levels.
When XMIT is high, the parity tree is enabled. PARITY ERROR indicates a parity error when either an even
number of inputs (A through I) are high and PARITY I/O is forced to a low logic level, or when an odd number
of inputs are high and PARITY I/O is forced to a high logic level.
The I/O control circuitry is designed so that the I/O port remains in the high-impedance state during power up
or power down, to prevent bus glitches.
The 74ACT11286 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
NUMBER OF INPUTS
(A–I ) THAT
ARE HIGH
XMIT
INPUT
PARITY
I/O
PARITY
ERROR
OUTPUT
0, 2, 4, 6, 8
l
H
H
1, 3, 5, 7, 9
l
L
H
02468
h
h
H
0, 2, 4, 6, 8
h
l
L
13579
h
h
L
1, 3, 5, 7, 9
h
l
H
h = high input level, H = high output level, I = low input level,
L = low output level
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
B
A
PARITY I/O
GND
PARITY ERROR
XMIT
I
C
D
E
VCC
F
G
H
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT11286D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11286D PHILIPS-74ACT11286D Datasheet
181Kb / 7P
9-bit odd/even parity generator/checker with bus drive l/O port
October 17 1990
logo
Texas Instruments
74ACT11286D TI2-74ACT11286D Datasheet
363Kb / 11P
9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
REVISED APRIL 1996
74ACT11286D.A TI2-74ACT11286D.A Datasheet
363Kb / 11P
9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
REVISED APRIL 1996
More results

Similar Description - 74ACT11286D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
DM74AS286 FAIRCHILD-DM74AS286 Datasheet
64Kb / 7P
9-Bit Parity Generator/Checker with Bus-Driver Parity I/O Port
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
9-Bit Parity Generator/Checker
logo
Texas Instruments
74AC11286 TI-74AC11286 Datasheet
94Kb / 7P
9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
9-Bit Parity Generator/Checker
logo
Texas Instruments
74AC11286 TI1-74AC11286_11 Datasheet
227Kb / 9P
9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com