Electronic Components Datasheet Search
  English  ▼

X  

STS4501 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STS4501
Description  P -Channel E nhancement Mode F ield E ffect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS4501 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STS4501 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
S T S 4501
0.01
0. 1
1
10
0.0000 1
0.000 1
0.001
0.01
0. 1
1
10
100
1000
Square Wave Puls e D uration(sec)
Normalized Therma l T ransient Impedanc e C urve
Single Pulse
P DM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
th
th
th
0.01
0.02
0.5
0.2
0.1
0.05
Qg, Total Gate Charge (nC)
10
8
6
4
2
0
0
2
4
6
8
10
12
14 16
VDS=-28V
ID=-3.5A
Figure 10. Capacitance
-VDS, Drain-to Source Voltage (V)
0
5
10
15
20
25
30
900
750
600
450
300
150
0
Ciss
Coss
Crss
Figure 12.switching characteristics
Rg, Gate Resistance (
Ω)
100
10
1
1
6 10
60 100
60
600
300
400
TD(on)
TD(off )
Tr
Tf
VDS=-20V,ID=-1A
VGS=-10V
Figure 13. Maximum Safe
Operating Area
-VDS, Drain-Source Voltage (V)
20
10
1
0.1
0.03
0.1
1
10
30 50
R
DS
(O
N)
Lim
it
V GS =-10V
S ingle P ulse
T c=25 C
10
m
s
10
0m
s
1s
DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com