Electronic Components Datasheet Search
  English  ▼

X  

STU405DH Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STU405DH
Description  Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU405DH Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STU405DH Datasheet HTML 1Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 2Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 3Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 4Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 5Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 6Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 7Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 8Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Dual E nhancement Mode Field E ffect Transistor ( N and P C hannel)
Nov,20 2007 ver1.0
AB S OLUTE MAXIMUM R ATING S (TA=25 C unless otherwise noted)
Parameter
Symbol
N-C hannel P -C hannel
Unit
Drain-S ource Voltage
VDS
V
G ate-S ource Voltage
VGS
V
Drain C urrent-C ontinuous @ Tc
-P ulsed
ID
11
A
A
A
W
IDM
Drain-S ource Diode F orward C urrent
IS
Maximum P ower Dissipation
P D
Operating J unction and S torage
Temperature R ange
TJ,TSTG
-55 to 175
C
a
40
7
-40
-9
-6
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m
Ω )Max
40V
11A
33 @ V GS =10V
45 @ V GS =4.5V
(N-C hannel)
P R ODUC T S UMMAR Y
V DS S
ID
-40V
-9A
45 @ V GS =-10V
65 @ V GS =-4.5V
(P -C hannel)
S amHop Microelectronics C orp.
20
20
-36
R DS (ON) ( m
Ω )Max
11
45
25 C
70 C
Tc= 25 C
Tc= 70 C
7.7
9
-7
A
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, J unction-to-C ase
Thermal R esistance, J unction-to-Ambient
R JC
13.6
120
R JA
/W
C
/W
C
S1
G1
D1
N-ch
S2
G2
D2
P-ch
TO-252-4L
D1/D2
S1
G1
S2
G2
S T U405DH


Similar Part No. - STU405DH

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU405D SAMHOP-STU405D Datasheet
988Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results

Similar Description - STU405DH

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8405 SAMHOP-STM8405 Datasheet
1Mb / 11P
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STS2620 SAMHOP-STS2620 Datasheet
926Kb / 11P
Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8301 SAMHOP-STM8301 Datasheet
1,014Kb / 11P
Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8450 SAMHOP-STM8450 Datasheet
1Mb / 11P
Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8309 SAMHOP-STM8309 Datasheet
512Kb / 11P
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8455 SAMHOP-STM8455 Datasheet
807Kb / 11P
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8457 SAMHOP-STM8457 Datasheet
1Mb / 11P
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU409DH SAMHOP-STU409DH Datasheet
849Kb / 11P
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com