Electronic Components Datasheet Search
  English  ▼

X  

74ACT11543 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11543
Description  OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11543 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11543 Datasheet HTML 1Page - Texas Instruments 74ACT11543 Datasheet HTML 2Page - Texas Instruments 74ACT11543 Datasheet HTML 3Page - Texas Instruments 74ACT11543 Datasheet HTML 4Page - Texas Instruments 74ACT11543 Datasheet HTML 5Page - Texas Instruments 74ACT11543 Datasheet HTML 6Page - Texas Instruments 74ACT11543 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74ACT11543
OCTAL REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS136 – D3608, JULY 1990 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
• Inputs Are TTL-Voltage Compatible
• 3-State True Outputs
• Back-to-Back Registers for Storage
• Flow-Through Architecture Optimizes
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
• 500-mA Typical Latch-Up Immunity at 125°C
description
This 8-bit registered transceiver contains two sets
of D-type latches for temporary storage of data
flowing in either direction. Separate latch enable
(LEAB or LEBA) and output enable (GAB or GBA)
inputs are provided for each register to permit
independent control in either direction of data flow.
The A-to-B enable (CEAB) input must be low in order to enter data from A or to output data to B. Having CEAB
low and LEAB low makes the A-to-B latches transparent; a subsequent low-to-high transition of LEAB puts the
A latches in the storage mode. With CEAB and GAB both low, the 3-state B outputs are active and reflect the
data present at the output of the A latches. Data flow from B-to-A is similar, but requires the use of CEBA, LEBA,
and GBA inputs.
The 74ACT11543 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
INPUTS
LATCH
STATUS
OUTPUT BUFFERS
CEAB
LEAB
GAB
STATUS
A TO B†
B1 THRU B8
H
X
X
Storing
Z
X
H
Storing
X
H
Z
L
L
L
Transparent
Current A Data
L
H
L
Storing
Previous} A Data
† A-to-B data flow is shown: B-to-A flow control is the same except uses
CEBA, LEBA, and GBA.
‡ Data present before low-to-high transition of LEAB.
DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CEBA
A1
A2
A3
A4
GND
GND
GND
GND
A5
A6
A7
A8
CEAB
GBA
LEBA
B1
B2
B3
B4
VCC
VCC
B5
B6
B7
B8
LEAB
GAB
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 74ACT11543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11543 TI1-74ACT11543 Datasheet
379Kb / 12P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543DW TI1-74ACT11543DW Datasheet
379Kb / 12P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543DWR TI1-74ACT11543DWR Datasheet
379Kb / 12P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543DWRE4 TI1-74ACT11543DWRE4 Datasheet
379Kb / 12P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543DWRG4 TI1-74ACT11543DWRG4 Datasheet
379Kb / 12P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI-SN74F543 Datasheet
96Kb / 7P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
Octal Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A_03 Datasheet
174Kb / 10P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11544 TI1-74ACT11544 Datasheet
117Kb / 8P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com