Electronic Components Datasheet Search
  English  ▼

X  

STU409DH Datasheet(PDF) 9 Page - SamHop Microelectronics Corp.

Part # STU409DH
Description  Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU409DH Datasheet(HTML) 9 Page - SamHop Microelectronics Corp.

Back Button STU409DH Datasheet HTML 3Page - SamHop Microelectronics Corp. STU409DH Datasheet HTML 4Page - SamHop Microelectronics Corp. STU409DH Datasheet HTML 5Page - SamHop Microelectronics Corp. STU409DH Datasheet HTML 6Page - SamHop Microelectronics Corp. STU409DH Datasheet HTML 7Page - SamHop Microelectronics Corp. STU409DH Datasheet HTML 8Page - SamHop Microelectronics Corp. STU409DH Datasheet HTML 9Page - SamHop Microelectronics Corp. STU409DH Datasheet HTML 10Page - SamHop Microelectronics Corp. STU409DH Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
6
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
10
8
6
4
2
0
0
3
6
9
12
15 18
21 24
VDS=-20V
ID=-6A
F igure 9. C apacitance
-V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
1200
1000
800
600
400
200
0
C iss
C oss
C rss
9
F igure 12. Maximum S afe
O perating Area
-V DS , Drain-S ource V oltage (V )
70
50
10
1
0.03
0.1
1
10 30
60
VGS=-10V
S ingle P ulse
Tc=25 C
10m
s
100
ms
1s
DC
S T U409DH
S quare Wave P ulse Duration (sec)
F igure 13. Normalized T hermal T ransient Impedance C urve
2
1
0.1
0.01
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
D=0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
1. R θJA (t)=r (t) * R θJA
2. R θJA=S ee Datasheet
3. T JM-T A = P DM* R θJA (t)
4. Duty C ycle, D=t1/t2
S ING LE P ULS E
F igure 11.s witching characteris tics
R g, G ate R esistance (
W)
100
10
1
1
6 10
60 100
60
600
300
300
T D(on)
T D(off)
T r
T f
V DS =-20V ,ID=-3A
V G S =10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com