Electronic Components Datasheet Search
  English  ▼

X  

STU411D Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STU411D
Description  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU411D Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STU411D Datasheet HTML 1Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 2Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
-40
V
-1
IGSS
±10
uA
VGS(th)
-1.25
V
38
gFS
9
S
VSD
CISS
895
pF
COSS
138
pF
CRSS
67
pF
Qg
14
nC
14
nC
Qgs
54
nC
Qgd
10
tD(ON)
14.5
ns
tr
2.1
ns
tD(OFF)
3.4
ns
tf
ns
Gate-Drain Charge
VDS=-20V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=-20V
ID=-1A
VGS=-10V
RGEN=3 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=-20V,ID=-12A,VGS=-10V
Fall Time
Turn-On Delay Time
m ohm
VGS=-10V , ID=-12A
VDS=-5V , ID=-12A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=-250uA
VDS=-32V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
P-Channel ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
-3
VGS=-4.5V , ID=-10A
48
52
68
m ohm
c
f=1.0MHz
c
VDS=-20V,ID=-12A,
VGS=-10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=-2.0A
-0.77
-1.2
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = 20V,VGS=10V.(See Figure13)
_
_
STU411D
Ver 1.0
www.samhop.com.tw
Sep,04,2008
3
nC
VDS=-20V,ID=-12A,VGS=-4.5V
7
_
-1.6
b
IS
Maximum Continuous Drain-Source Diode Forward Current
A
-2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com