Electronic Components Datasheet Search
  English  ▼

X  

STU412S Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STU412S
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU412S Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STU412S Datasheet HTML 1Page - SamHop Microelectronics Corp. STU412S Datasheet HTML 2Page - SamHop Microelectronics Corp. STU412S Datasheet HTML 3Page - SamHop Microelectronics Corp. STU412S Datasheet HTML 4Page - SamHop Microelectronics Corp. STU412S Datasheet HTML 5Page - SamHop Microelectronics Corp. STU412S Datasheet HTML 6Page - SamHop Microelectronics Corp. STU412S Datasheet HTML 7Page - SamHop Microelectronics Corp. STU412S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STU/D412S
Ver 1.0
www.samhop.com.tw
Aug,07,2008
3
T j ( °
C )
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
with Temperature
30
24
18
12
6
0
0
0. 5
1
1. 5
2
2. 5
3
VGS=3. 5V
VGS=4. 5V
VGS=4V
VGS=10V
VGS=5V
20
16
12
8
4
0
0
0. 7
1. 4
2. 1
2. 8
3. 5
4. 2
Tj=125C
-55C
25C
60
50
40
30
20
10
1
6
12
18
24
30
1
VGS=10V
VGS=4. 5V
2.0
1.8
1.6
1.4
1.2
1.0
0.0
0
25
50
75
150
100
125
V G S =4.5V
ID=9A
V G S =10V
ID=11A
1. 3
1. 2
1. 1
1. 0
0. 9
0. 8
0. 7
0. 6
-50
-25
0
25
50
75
100
125
150
VDS=VGS
ID=250uA
-50
-25
0
25
50
75
100
125
150
1. 15
1. 10
1. 05
1. 00
0. 95
0. 90
0. 85
ID=250uA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com