Electronic Components Datasheet Search
  English  ▼

X  

STU413S Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STU413S
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU413S Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STU413S Datasheet HTML 1Page - SamHop Microelectronics Corp. STU413S Datasheet HTML 2Page - SamHop Microelectronics Corp. STU413S Datasheet HTML 3Page - SamHop Microelectronics Corp. STU413S Datasheet HTML 4Page - SamHop Microelectronics Corp. STU413S Datasheet HTML 5Page - SamHop Microelectronics Corp. STU413S Datasheet HTML 6Page - SamHop Microelectronics Corp. STU413S Datasheet HTML 7Page - SamHop Microelectronics Corp. STU413S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STU/D413S
Ver 1.0
www.samhop.com.tw
Aug,08,2008
4
120
100
80
60
40
20
0
2
4
6
8
10
0
ID=-9.5A
25 C
125 C
75 C
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
20.0
10.0
1.0
125
5.0
0
0.24
0.48
0.72
0.96
1.20
25 C
75 C
125 C
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
1500
1250
1000
750
500
250
0
0
5
10
15
20
25
30
C rs s
C s s
o
C s s
i
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
10
8
6
4
2
0
V DS = -20V
ID=-9.5A
0
3
6
9
12
15
18
21
24
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
100
10
60
600
V DS =-20V,ID=-1A
V G S =-10V
1
1
6 10
60 100
600
300
T D ( o f f )
T D ( o n )
T r
T f
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
100
10
1
0.1
1
10
40
100
V GS =-10V
S ingle P uls e
T A=25 C
DC
10
m
s
1m
s
10
0u
s
R
DS
(O
N)
Li
m
it



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com