Electronic Components Datasheet Search
  English  ▼

X  

74ACT11652DW Datasheet(PDF) 6 Page - Texas Instruments

Part # 74ACT11652DW
Description  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11652DW Datasheet(HTML) 6 Page - Texas Instruments

  74ACT11652DW Datasheet HTML 1Page - Texas Instruments 74ACT11652DW Datasheet HTML 2Page - Texas Instruments 74ACT11652DW Datasheet HTML 3Page - Texas Instruments 74ACT11652DW Datasheet HTML 4Page - Texas Instruments 74ACT11652DW Datasheet HTML 5Page - Texas Instruments 74ACT11652DW Datasheet HTML 6Page - Texas Instruments 74ACT11652DW Datasheet HTML 7Page - Texas Instruments 74ACT11652DW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74ACT11652
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS087A – APRIL 1993 – REVISED APRIL 1996
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
105
105
MHz
tPLH
AorB
BorA
3.8
7
9.9
3.8
11.1
ns
tPHL
A or B
B or A
3.4
6.7
10.7
3.4
11.6
ns
tPLH
CBA or CAB
AorB
5.4
8.4
11.8
5.4
13.1
ns
tPHL
CBA or CAB
A or B
6.1
9.4
13.1
6.1
14.4
ns
tPLH
SBA or SAB†
AorB
2.8
6.2
10.1
2.8
11
ns
tPHL
with A or B high
A or B
5.5
8.7
12.1
5.5
13.3
ns
tPLH
SBA or SAB†
AorB
4.9
7.8
11
4.9
12.2
ns
tPHL
with A or B low
A or B
3.9
7.5
11.6
3.9
12.6
ns
tPZH
GBA
A
3.3
7.2
11.4
3.3
12.6
ns
tPZL
GBA
A
4.1
7.8
12.6
4.1
13.8
ns
tPHZ
GBA
A
5.2
7.2
9.3
5.2
9.9
ns
tPLZ
GBA
A
4.8
6.7
8.6
4.8
9.3
ns
tPZH
GAB
B
5.1
9.1
13.4
5.1
15.2
ns
tPZL
GAB
B
5.8
9.7
14.2
5.8
16.1
ns
tPHZ
GAB
B
3.4
6.8
9.7
3.4
10.3
ns
tPLZ
GAB
B
3.1
6
8.8
3.1
9.3
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per transceiver
Outputs enabled
CL =50 pF
f=1MHz
59
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
14
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com