Electronic Components Datasheet Search
  English  ▼

X  

FD5T Datasheet(PDF) 10 Page - Pletronics, Inc.

Part # FD5T
Description  Programmable CMOS Clock Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5T Datasheet(HTML) 10 Page - Pletronics, Inc.

Back Button FD5T Datasheet HTML 4Page - Pletronics, Inc. FD5T Datasheet HTML 5Page - Pletronics, Inc. FD5T Datasheet HTML 6Page - Pletronics, Inc. FD5T Datasheet HTML 7Page - Pletronics, Inc. FD5T Datasheet HTML 8Page - Pletronics, Inc. FD5T Datasheet HTML 9Page - Pletronics, Inc. FD5T Datasheet HTML 10Page - Pletronics, Inc. FD5T Datasheet HTML 11Page - Pletronics, Inc. FD5T Datasheet HTML 12Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FD5T Series Programmable
CMOS Clock Oscillator
November 2008
www.pletronics.com
425-776-1880
10
3
4
1
2
6
5
Mechanical:
Inches
mm
A
0.197 +
_0.006
5.00 +
_0.15
B
0.125 +
_0.006
3.20 +
_0.15
C
0.053 max
1.35 max
D
1
0.050
1.27
E
1
0.050
1.27
F
1
0.004
0.10
G
1
0.039
1.00
H
1
0.025
0.63
Contacts
:
Gold 11.8 µinches
0.3 µm minimum over
Nickel 50 to 350 µinches
1.27 to 8.89 µm
1 Typical dimensions
Not to Scale
I
1
0.020
0.50
J
1
0.004R
0.10R
K
1
0.008R
0.20R
Pad Functions:
Pad
Function
Note
1
S1/SDA
Serial Data Clock (optional V control - VCXO)
S2
Input to select 1 of 4
preprogrammed functions of
the outputs (optional)
2
S2/SCL
Serial Data
S1
3
Ground (GND)
4
Out (Y3)
Crystal reference frequency divided by 1 through 1023
PLL1 frequency divided by 1 through 1023
5V
DD
1.8V, powers internal circuitry of the oscillator. Bypass capacitor required near the
package pin.
6V
DDOUT
1.8V, 2.5V or 3.3V supply for the output buffers. Sets CMOS output level. Bypass
capacitor required near the package pin.
All unused inputs should be pulled high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com