Electronic Components Datasheet Search
  English  ▼

X  

PSO3MS Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # PSO3MS
Description  high voltage power resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PSO3MS Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  PSO3MS Datasheet HTML 1Page - KOA Speer Electronics, Inc. PSO3MS Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PMS 300 neg.
Black neg.
PSN, PV, PSO, PN, PWW, PAP
high voltage power resistors
Resistance Range (
Ω)
J: ±5%
K: ±10%
M: ±20% (E24)
500~500M
1k~1G
2k~2G
3k~3G
4k~4G
5k~5G
6k~6G
500~500M
1k~1G
1.5k~1.5G
2.5k~2.5G
2.5k~2.5G
500~500M
1k~1G
2k~2G
3k~3G
4k~4G
5k~5G
6k~6G
50~500k
100~1M
200~2M
300~3M
400~4M
10~800
10~400
15~1500
10~800
25~2500
15~1000
50~5000
25~2000
T.C.R.
(x10-6/K)
±1500: +25°C/-15°C
±1000: +25°C/+85°C
(R<1G
Ω)
±3000
(R≥1G
Ω)
—
applications and ratings
Derating Curve
environmental applications
100
80
60
40
20
-40
-20
0
20
40
140
-15
Ambient Temperature (°C)
0
60
125
80
100
120
-25
-30
1
2
1
2
1
PSN, PV, PN
PWW, PAP
2
PSO
Performance Characteristics
Part
Designation
PSN-0.5
PSN-1
PSN-2
PSN-3
PSN-4
PSN-5
PSN-6
PV-0.5
PV-1
PV-2
PV-5
PV-8
PSO-0.5
PSO-1
PSO-2
PSO-3
PSO-4
PSO-5
PSO-6
PN-0.5
PN-1
PN-2
PN-3
PN-4
PWW-3
PAP-3
PWW-4
PAP-4
PWW-5
PAP-5
PWW-6
PAP-6
Power
Rating
(W)
2
5
10
25
50
125
250
2
4
7
12
20
1.5
4
8
20
40
100
200
1.5
3
6
9
12
25
50
100
200
Maximum
Working
Voltage
15kV
30kV
60kV
90kV
120kV
150kV
300kV
24kV
45kV
75kV
15kV
30kV
60kV
90kV
120kV
150kV
300kV
—
—
—
—
—
—
Impulse
Withstand
Voltage
20kV
40kV
80kV
120kV
160kV
200kV
400kV
32kV
60kV
100kV
20kV
40kV
80kV
120kV
160kV
200kV
400kV
20kV
40kV
80kV
120kV
160kV
120kV
160kV
200kV
Operating
Temperature
Range
-30°C~+125°C
-15°C~+60°C
-30°C~+125°C
—
Inductance
(
µH)
Maximum
—
20
3
35
6
70
12
150
25
Type
PSN-0.5, PSN-1, PV-2
PSN-2, PV-5
PSN-3, PV-8
PSN-4
PSN-5, PSN-6
R
8.5
11.5
16
22
30
E
11
15
18
20
25
F
16
18
24
36
46
G
24
32
40
59
74
M
ø4.2
ø6.5
t
0.8
1.0
1.5
1.5
W
1.5±0.5
1.5±1.0
2.0±1.0
Holder Dimensions (mm)
R
M
W
F
゜
5
4
゜
5
4
E
M
E
t
R
F
゜
5
4
゜
5
4
t
B
Parameter
Resistance
T.C.R.
Rapid Change of Temperature
Voltage Characteristics
Moisture Resistance
Endurance at 25°C
Requirements
∆ R±%
Within specified tolerance
Within specified T.C.R.
5
3
5: R<100M
Ω
10 :R
≥100MΩ
5: R<100M
Ω
10 :R
≥100MΩ
Test Method
25°C
R<1G
Ω
R
≥1GΩ
-30°C (30 minutes)/+85°C (30 minutes) 5 cycles
Except for PSN
Rated voltage or max. working voltage, whichever is lower and 1/10
of its voltage
40°C, 90%~95%RH, 250 hours
25°C, 500 hours
25°C, 500 hours, Continuous load
±1500 : +25°C/-15°C
±1000 : +25°C/+85°C
±3000 : +25°C/-15°C, +25°C/+85°C
98
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/08
(PWW, PAP: Please contact factory for details)
1733 Reader's Spreads pg1-203:document
1/27/09
4:08 PM
Page 96



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com