Electronic Components Datasheet Search
  English  ▼

X  

PSO4MS Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # PSO4MS
Description  high voltage power resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PSO4MS Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  PSO4MS Datasheet HTML 1Page - KOA Speer Electronics, Inc. PSO4MS Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PSN, PV, PSO, PN, PWW, PAP
high voltage power resistors
features
• PSN is made completely moisture
preventive to be PSO
• PN is a non-inductive type and can be used for high frequency
• PWW resistors, which are non-inductive wirewound
resistors for high voltage with resistance wires wound
on insulation pipes
• PAP resistors are non-inductive wirewound resistors with
inductance less than PWW, can be used for pulse wave
measurement, impulse generators, etc. and have the
same dimensions as PWW resistors
New Part #
Pb free
RoHs
0.5
C
A
CP
dimensions and construction
L
H
L
H
L
H
Insulation coating
Insulation coating
Electrode Cap
Adhesive
Electrode
Cap
Adhesive
Resistive Wire
Ceramic Core
or FRP pipe
Resistor
PSN • PV
PSO
PN, PWW, PAP
PSN
Insulation Coating
Electrode
Cap
Insulation Oil
Insulation Pipe
Size
Code
L
D±0.5
H (Nominal)
Weight (g)
Dimensions inches
50±2
100±2
200±2
300±2
400±3
500±3
1000±5
80±2
150±2
250±2
55±5
105±5
205±5
320±5
420±5
530±5
1050±5
50±2
100±2
200±2
300±2
400±2
300±2
400±3
500±3
1000±5
EU
PSN-0.5
PSN-1
PSN-2
PSN-3
PSN-4
PSN-5
PSN-6
PV-0.5
PV-1
PV-2
PV-5
PV-8
PSO-0.5
PSO-1
PSO-2
PSO-3
PSO-4
PSO-5
PSO-6
PN-0.5
PN-1
PN-2
PN-3
PN-4
PWW-3, PAP-3
PWW-4, PAP-4
PWW-5, PAP-5
PWW-6, PAP-6
17.5
24
33
45
62
9.5
17.5
24
33
28
38
46
65
80
17
33
45
62
10
15
20
25
8
10
15
20
10
20
25
8
12
20
25
20
30
85
250
600
800
1350
12
23
45
105
220
120
150
370
760
1900
3500
6200
25
55
80
100
125
310 • 250
660 • 510
1330 • 960
2700 • 1850
105
J
PSN
0.5
F
A
CP
105
J
PSN
PSN
PV
PSO
PN
PWW
PAP
Product
Code
0.5 : 2W
1 : 5W
2 : 10W
3 : 25W
4 : 50W
5 : 125W
6 : 250W
Power
Rating
C
M
MS
CP
Cap*
CP
C:Sn/Cu
(ø1.0mm)
T:Sn(ø1.2mm)
C, M
Nil:Ni
Termination
Material
RoHS
Nil: No Holder
A
B
Holder
3 digits
Nominal
Resistance
J : ±5%
K : ±10%
M : ±20%
Tolerance
NE
W
NEW
ordering information
97
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/08
*1: See Appendix C
1733 Reader's Spreads pg1-203:document
1/27/09
4:08 PM
Page 95


Similar Part No. - PSO4MS

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
PSO-0505 RECOM-PSO-0505 Datasheet
108Kb / 2P
ECONOLING - DC/DC - CONVERTER
logo
Autonics Corporation
PSO-B02 AUTONICS-PSO-B02 Datasheet
799Kb / 13P
Small size, 1/2,000 resolution connector type digital pressure sensor
PSO-P01 AUTONICS-PSO-P01 Datasheet
799Kb / 13P
Small size, 1/2,000 resolution connector type digital pressure sensor
logo
Cypress Semiconductor
PSOC CYPRESS-PSOC Datasheet
1Mb / 148P
8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
September 5, 2002
PSOC3 CYPRESS-PSOC3 Datasheet
1Mb / 2P
PSoC 3 DEVELOPMENT KIT QUICK START GUIDE
More results

Similar Description - PSO4MS

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PSN05CPFA105JPS001CF105J KOA-PSN05CPFA105JPS001CF105J Datasheet
295Kb / 3P
high voltage power resistors
logo
Riedon Powertron
PFU1000-1RJ1 RIEDON-PFU1000-1RJ1 Datasheet
241Kb / 3P
High Power Resistors / High Voltage Resistors 1000 W & 800 W
logo
Token Electronics Indus...
HI80 TOKEN-HI80 Datasheet
917Kb / 12P
Ultra-Precision High-Power High-Voltage Resistors
RI85 TOKEN-RI85 Datasheet
470Kb / 6P
High Voltage Power Resistors
logo
Murata Manufacturing Co...
MHR0307SA105M20 MURATA1-MHR0307SA105M20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA105M70 MURATA1-MHR0307SA105M70_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106D20 MURATA1-MHR0307SA106D20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106F20 MURATA1-MHR0307SA106F20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106G20 MURATA1-MHR0307SA106G20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106G70 MURATA1-MHR0307SA106G70_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com