Electronic Components Datasheet Search
  English  ▼

X  

LTC3736-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3736-1
Description  Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3736-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3736-1 Datasheet HTML 1Page - Linear Technology LTC3736-1 Datasheet HTML 2Page - Linear Technology LTC3736-1 Datasheet HTML 3Page - Linear Technology LTC3736-1 Datasheet HTML 4Page - Linear Technology LTC3736-1 Datasheet HTML 5Page - Linear Technology LTC3736-1 Datasheet HTML 6Page - Linear Technology LTC3736-1 Datasheet HTML 7Page - Linear Technology LTC3736-1 Datasheet HTML 8Page - Linear Technology LTC3736-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC3736-1
37361f
Input Supply Voltage (VIN) ........................ – 0.3V to 10V
FREQ, RUN/SS, SSDIS,
TRACK, SENSE1+, SENSE2+,
IPRG1, IPRG2 Voltages ................. – 0.3V to (VIN + 0.3V)
VFB1, VFB2, ITH1, ITH2 Voltages .................. – 0.3V to 2.4V
SW1, SW2 Voltages ............ –2V to VIN + 1V or 10V Max
PGOOD ..................................................... – 0.3V to 10V
ABSOLUTE
AXI U
RATI GS (Note 1)
TG1, TG2, BG1, BG2 Peak Output Current (<10µs) ..... 1A
Operating Temperature Range (Note 2) ... –40°C to 85°C
Storage Temperature Range .................. –65°C to 125°C
Junction Temperature (Note 3) ............................ 125°C
Lead Temperature (Soldering, 10 sec)
(LTC3736EGN-1) .................................................. 300°C
PACKAGE/ORDER I FOR ATIO
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UF PACKAGE
24-LEAD (4mm × 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
ITH1
IPRG2
FREQ
SGND
VIN
TRACK
SSDIS
TG1
PGND
TG2
RUN/SS
BG2
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 25) IS PGND
MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
SW1
IPRG1
VFB1
ITH1
IPRG2
FREQ
SGND
VIN
TRACK
VFB2
ITH2
PGOOD
SENSE1+
PGND
BG1
SSDIS
TG1
PGND
TG2
RUN/SS
BG2
PGND
SENSE2+
SW2
ORDER PART
NUMBER
UF PART MARKING
3736-1
LTC3736EUF-1
TJMAX = 125°C, θJA = 130°C/ W
ORDER PART
NUMBER
LTC3736EGN-1
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS The ● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 4.2V unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
Input DC Supply Current
(Note 4)
Normal Mode
500
850
µA
Shutdown
RUN/SS = 0V
9
20
µA
UVLO
VIN < UVLO Threshold
3
10
µA
Undervoltage Lockout Threshold
VIN Falling
●
1.95
2.25
2.55
V
VIN Rising
●
2.15
2.45
2.75
V
Shutdown Threshold at RUN/SS
0.45
0.65
0.85
V
Start-Up Current Source
RUN/SS = 0V
0.5
0.7
1
µA
Regulated Feedback Voltage
0°C to 85°C (Note 5)
0.591
0.6
0.609
V
–40°C to 85°C
●
0.588
0.6
0.612
V
Output Voltage Line Regulation
2.75V < VIN < 9.8V (Note 5)
0.05
0.2
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com