Electronic Components Datasheet Search
  English  ▼

X  

LTC3772 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3772
Description  Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3772 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3772 Datasheet HTML 9Page - Linear Technology LTC3772 Datasheet HTML 10Page - Linear Technology LTC3772 Datasheet HTML 11Page - Linear Technology LTC3772 Datasheet HTML 12Page - Linear Technology LTC3772 Datasheet HTML 13Page - Linear Technology LTC3772 Datasheet HTML 14Page - Linear Technology LTC3772 Datasheet HTML 15Page - Linear Technology LTC3772 Datasheet HTML 16Page - Linear Technology LTC3772 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC3772
3772f
APPLICATIO S I FOR ATIO
For ceramic capacitor, use X7R or X5R types, do not use
Y5V. The choices include Murata GRM series, TDK C2012
and Taiyo-Yuden JMK series.
Setting Output Voltage
The LTC3772 output voltages are each set by an external
feedback resistor divider carefully placed across the out-
put as shown in Figure 3. The regulated output voltage is
determined by:
VV
R
R
OUT
B
A
=+
⎛
⎝
⎜
⎞
⎠
⎟
08
1
.•
To improve the frequency response, a feed-forward capaci-
tor, CFF, may be used. Great care should be taken to route
the VFB line away from noise sources, such as the inductor
or the SW line.
Figure 3. Setting Output Voltage
3
VFB
VOUT
LTC3772
RA
3772 F03
RB
CFF
1. The VIN current is the DC supply current, given in the
electrical characteristics, that excludes MOSFET driver
and control currents. VIN current results in a small loss
which increases with VIN.
2. MOSFET gate charge current results from switching the
gate capacitance of the power MOSFET. Each time a
MOSFET gate is switched from low to high to low again,
a packet of charge dQ moves from VIN to ground. The
resulting dQ/dt is a current out of VIN that is typically
much larger than the DC supply current. In continuous
mode, IGATECHG = (f)(dQ).
3. I2R losses are predicted from the DC resistances of the
MOSFET, inductor and current shunt. In continuous
mode the average output current flows through L but is
“chopped” between the P-channel MOSFET (in series
with RSENSE)andtheoutputdiode.TheMOSFETRDS(ON)
plus RSENSE multipliedbydutycyclecanbesummedwith
the resistances of L and RSENSE to obtain I2R losses.
4. The output diode is a major source of power loss at high
currents and gets worse at high input voltages. The diode
loss is calculated by multiplying the forward voltage
times the diode duty cycle multiplied by the load current.
For example, assuming a duty cycle of 50% with a Schot-
tky diode forward voltage drop of 0.4V, the loss increases
from 0.5% to 8% as the load current increases from 0.5A
to 2A.
5. Transition losses apply to the external MOSFET and
increase at higher operating frequencies and input volt-
ages. Transition losses can be estimated from:
Transition Loss = 2(VIN)2IO(MAX)CRSS(f)
Other losses including CINandCOUT ESRdissipativelosses,
and inductor core losses, generally account for less than
2% total additional loss.
Foldback Current Limiting
As described in the Output Diode Selection, the worst-case
dissipation occurs with a short-circuited output when the
diode conducts the current limit value almost continuously.
Efficiency Considerations
The efficiency of a switching regulator is equal to the out-
put power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would produce the
most improvement. Efficiency can be expressed as:
Efficiency = 100% – (η1 + η2 + η3 + ...)
where η1, η2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC3772 circuits: 1) LTC3772 DC bias current,
2) MOSFET gate charge current, 3) I2R losses and 4) volt-
age drop of the output diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com