Electronic Components Datasheet Search
  English  ▼

X  

LTC3785-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3785-1
Description  10V, High Effi ciency, Buck-Boost Controller with Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3785-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3785-1 Datasheet HTML 1Page - Linear Technology LTC3785-1 Datasheet HTML 2Page - Linear Technology LTC3785-1 Datasheet HTML 3Page - Linear Technology LTC3785-1 Datasheet HTML 4Page - Linear Technology LTC3785-1 Datasheet HTML 5Page - Linear Technology LTC3785-1 Datasheet HTML 6Page - Linear Technology LTC3785-1 Datasheet HTML 7Page - Linear Technology LTC3785-1 Datasheet HTML 8Page - Linear Technology LTC3785-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3785-1
2
37851f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... –0.3V to 11V
ISVOUT, ISVIN .............................................. –0.3V to 11V
SW1, SW2, ISSW1, ISSW2 Voltage:
DC............................................................. –1V to 11V
Pulsed, <1μs ............................................. –2V to 12V
RUN/SS, MODE, CCM, VDRV, VCC Voltages ...... –0.3V to 6V
PGOOD Voltage............................................ –0.3V to 6V
TG1, VBST1 Voltages................................... –0.3V to 16V
With Respect to SW1............................... –0.3V to 6V
TG2, VBST2 Voltages................................... –0.3V to 16V
With Respect to SW2............................... –0.3V to 6V
BG1, BG2 Voltage ........................................ –0.3V to 6V
Peak Driver Output Current < 10μs
(TG1, TG2, BG1, BG2).................................................3A
VCC Average Output Current.................................100mA
Operating Temperature Range.................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UF PACKAGE
24-LEAD (4mm
4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
RUN/SS
VC
FB
VSENSE
ILSET
CCM
ISSW1
BG1
VDRV
BG2
ISSW2
SW2
TJMAX = 125°C, θJA = 37°C/W 4 LAYER BOARD
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3785EUF-1#PBF
LTC3785EUF-1#TRPBF
37851
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Supply
Input Operating Voltage
l
2.7
10
V
Quiescent Current—Burst Mode Operation
VC = 0V, MODE = 3.6V (Note 4)
86
200
μA
Quiescent Current—Shutdown
RUN/SS = 0V, VOUT = 0V
15
25
μA
Quiescent Current—Active
MODE = 0V (Note 4)
0.8
1.5
mA
Error Amp
Feedback Voltage
(Note 5)
l
1.200
1.225
1.25
V
Feedback Input Current
(Note 5)
1
500
nA
Error Amp Source Current
–500
μA
Error Amp Sink Current
900
μA
Error Amp AVOL
90
dB
VCC Regulator
VCC Maximum Regulating Voltage
VIN = 5V, IVCC = –20mA
l
4.15
4.35
4.55
V
VCC Regulation Voltage
VIN = 3.6V, IVCC = –20mA
l
3.3
3.5
3.6
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = VDRV = VBST1 = VBST2 = 3.6V, RT = 49.9k, RILSET = 59k.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com