Electronic Components Datasheet Search
  English  ▼

X  

LTC3805-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3805-5
Description  Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3805-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC3805-5 Datasheet HTML 1Page - Linear Technology LTC3805-5 Datasheet HTML 2Page - Linear Technology LTC3805-5 Datasheet HTML 3Page - Linear Technology LTC3805-5 Datasheet HTML 4Page - Linear Technology LTC3805-5 Datasheet HTML 5Page - Linear Technology LTC3805-5 Datasheet HTML 6Page - Linear Technology LTC3805-5 Datasheet HTML 7Page - Linear Technology LTC3805-5 Datasheet HTML 8Page - Linear Technology LTC3805-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3805-5
2
38055fa
ABSOLUTE MAXIMUM RATINGS
VCC to GND
Low Impedance Source ........................ –0.3V to 8.8V
Current Fed ........................................25mA into VCC*
SYNC ........................................................... –0.3V to 6V
SSFLT........................................................... –0.3V to 5V
FB, ITH, FS................................................. –0.3V to 3.5V
RUN ........................................................... –0.3V to 18V
OC, ISENSE .................................................... –0.3V to 1V
(Note 1)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTURNON
VCC Turn-On Voltage
VCC Rising
●
4.3
4.5
4.7
V
VTURNOFF
VCC Turn-Off Voltage
VCC Falling
●
3.75
3.95
4.15
V
VHYST
VCC Hysteresis
0.55
V
VCLAMP1mA
VCC Shunt Regulator Voltage
ICC = 1mA, VRUN = 0
●
8.8
9.25
9.65
V
VCLAMP25mA
VCC Shunt Regulator Voltage
ICC = 25mA, VRUN = 0
●
8.9
9.5
9.9
V
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V, unless otherwise noted (Note 2).
Operating Temperature Range
E-Grade................................................–40°C to 85°C
I-Grade............................................... –40°C to 125°C
Junction Temperature ........................................... 125°C
Storage Temperature Range...................–65°C to 125°C
Lead Temperature (Soldering, 10 sec)
LTC3805EMSE-5 Only....................................... 300°C
*LTC3805-5 internal clamp circuit regulates VCC voltage to 9.5V
TOP VIEW
DD PACKAGE
10-LEAD (3mm 3mm) PLASTIC DFN
10
11
9
6
7
8
4
5
3
2
1
GATE
VCC
OC
ISENSE
SYNC
SSFLT
ITH
FB
RUN
FS
TJMAX = 125°C, θJA = 45°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE CONNECTED TO GND
1
2
3
4
5
SSFLT
ITH
FB
RUN
FS
10
9
8
7
6
GATE
VCC
OC
ISENSE
SYNC
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
11
TJMAX = 125°C, θJA = 45°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE CONNECTED TO GND
PIN CONFIGURATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3805EMSE-5#TRMPBF
LTC3805EMSE-5#TRPBF
LTDGX
10-Lead Plastic MSOP
–40°C to 85°C
LTC3805IMSE-5#TRMPBF
LTC3805IMSE-5#TRPBF
LTDGX
10-Lead Plastic MSOP
–40°C to 125°C
LTC3805EDD-5#TRMPBF
LTC3805EDD-5#TRPBF
LDHB
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3805IDD-5#TRMPBF
LTC3805IDD-5#TRPBF
LDHB
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com