Electronic Components Datasheet Search
  English  ▼

X  

BQ2002 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2002
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ2002 Datasheet HTML 4Page - Texas Instruments BQ2002 Datasheet HTML 5Page - Texas Instruments BQ2002 Datasheet HTML 6Page - Texas Instruments BQ2002 Datasheet HTML 7Page - Texas Instruments BQ2002 Datasheet HTML 8Page - Texas Instruments BQ2002 Datasheet HTML 9Page - Texas Instruments BQ2002 Datasheet HTML 10Page - Texas Instruments BQ2002 Datasheet HTML 11Page - Texas Instruments BQ2002 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
8-Pin SOIC Narrow (SN)
8-Pin SN (0.150" SOIC)
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.060
0.070
1.52
1.78
A1
0.004
0.010
0.10
0.25
B
0.013
0.020
0.33
0.51
C
0.007
0.010
0.18
0.25
D
0.185
0.200
4.70
5.08
E
0.150
0.160
3.81
4.06
e
0.045
0.055
1.14
1.40
H
0.225
0.245
5.72
6.22
L
0.015
0.035
0.38
0.89
bq2002/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com