Electronic Components Datasheet Search
  English  ▼

X  

KT5032 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KT5032
Description  5.0횞3.2mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KT5032 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KT5032 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Ultra-miniature SMD type
(5.0×3.2×1.5mm)
• Reflow compatible
• AFC function available
• 2.3 to 5.5V drive available
• Frequency stability
: ±2.0×10-6/ -30 to +85°C
Applications
• PDC, GSM, CDMA
How to Order
KT5032N 26000 D C W 28 T xx
①
② ③ ④ ⑤ ⑥ ⑦ ⑧
① Series
② Output Frequency
③ Frequency Tolerance
B
±1.0×10-6
C
±1.5×10-6
D
±2.0×10-6
④ Lower Operating Temp.
C
-30°C
E
-20°C
G
-10°C
⑤ Upper Operating Temp.
W
+85°C
V
+80°C
U
+75°C
⑥ Supply Voltage
28 2.8V 30 3.0V
⑦ Voltage Control Range
TCXO
T
VCTCXO Customer Spec.
⑧ Option Code
Pb Free
RoHS Compliant
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Output Frequency Range
fo
Standard Frequency: 13, 19.2, 26, 38.4
13
40
MHz
Frequency Tolerance
f_tol
vs Temperature
-2
+2
×10-6
vs Load
-0.2
+0.2
vs Voltage
-0.3
+0.3
Frequency Aging
f_age
Per Year
-1
+1
×10-6
Storage Temperature Range
T_stg
-40
+85
°C
Operating Temperature Range
T_use
-30
+85
°C
Voltage Control Range
f_cont
Positive
±8
±15
×10-6
Supply Voltage
VCC
2.3
5.5
V
Output Level
Vpp
10k ohm / / 10pF
0.8
—
Vp-p
Current Consumption
ICC
—
2
mA
Harmonics
—
—
-5
dBc
Dimensions
(Unit: mm)
KT5032N
Pin Configuration
#1pin
Vcon
#2pin
GND
#3pin
OUTPUT
#4pin
VCC
3.81
2.95
0.925
0.925
#1
#4
#3
#2
5.0 0.15
Marking Area
Marking Area
Recommended Land Pattern
(Unit: mm)
5.0
×3.2mm
Temperature Compensated Crystal Oscillators (TCXO)
Surface Mount Type TCXO (LSI Type) KT5032 Series


Similar Part No. - KT5032

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
KT5032F20000AAY33T KSS-KT5032F20000AAY33T Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
KT5032F20000KAW33T KSS-KT5032F20000KAW33T Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
KT5032F20000KAY33T KSS-KT5032F20000KAY33T Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
KT5032 KSS-KT5032_12 Datasheet
177Kb / 1P
High stability and high reliability 2.7 to 5.5V drive available
More results

Similar Description - KT5032

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC5032D KSS-KC5032D Datasheet
119Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
KC5032E-C3 KSS-KC5032E-C3 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0횞3.2mm
CX5032SA KSS-CX5032SA Datasheet
121Kb / 1P
5.0횞3.2mm for Automotive
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC5032C-C5 KSS-KC5032C-C5 Datasheet
126Kb / 1P
CMOS/ 5.0V/ 5.0횞3.2mm
KC5032D KSS-KC5032D_12 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
KC5032P-L2 KSS-KC5032P-L2 Datasheet
163Kb / 1P
LVDS/ 2.5V/ 5.0횞3.2mm
KC5032P-L3 KSS-KC5032P-L3 Datasheet
165Kb / 1P
LVDS/ 3.3V/ 5.0횞3.2mm
KC5032P-P2 KSS-KC5032P-P2 Datasheet
163Kb / 1P
LV-PECL/ 2.5V/ 5.0횞3.2mm
KC5032P-P3 KSS-KC5032P-P3 Datasheet
164Kb / 1P
LV-PECL/ 3.3V/ 5.0횞3.2mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com