Electronic Components Datasheet Search
  English  ▼

X  

BQ2002D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2002D
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2002D Datasheet(HTML) 3 Page - Texas Instruments

  BQ2002D Datasheet HTML 1Page - Texas Instruments BQ2002D Datasheet HTML 2Page - Texas Instruments BQ2002D Datasheet HTML 3Page - Texas Instruments BQ2002D Datasheet HTML 4Page - Texas Instruments BQ2002D Datasheet HTML 5Page - Texas Instruments BQ2002D Datasheet HTML 6Page - Texas Instruments BQ2002D Datasheet HTML 7Page - Texas Instruments BQ2002D Datasheet HTML 8Page - Texas Instruments BQ2002D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
bq2002D/T
Chip on
VCC
4.0V
Battery Voltage
too High?
Battery
Temperature?
Charge
Pending
Fast Charge,
CC = Z
LED = Low
SD2002D.eps
VBAT < 2V
VBAT < 2V and
VBAT > 2V
Off,
CC = Low
LED = Low
Off,
CC = Low
LED = Z
VBAT > 2V
VBAT
2V
VTS > 0.25V VCC
VTS > 0.25V VCC
VTS < 0.25V VCC
VBAT > 2V or
VTS < 0.25V VCC or
Maximum Time Out
T/ t or
Figure 2. bq2002D State Diagram
Chip on
VCC
4.0V
Battery Voltage
too High?
( T/ t or
Maximum Time Out)
and TM = High
Battery
Temperature?
Charge
Pending
Fast
LED =
Low
Top-off
LED = Z
SD2002T.eps
VBAT < 2V
VBAT > 2V
0.25 VCC < VTS < 0.6 VCC
Trickle
LED =
Low
Trickle
LED = Z
VBAT > 2V or
VTS < 0.225 VCC or
Maximum Time Out
VBAT > 2V or
VTS < 0.225 VCC or
(( T/ t or
Maximum Time Out)
and TM = High)
VBAT < 2V and
VTS < 0.6 VCC and
VTS > 0.25 VCC
VBAT > 2V
VBAT
2V
VTS > 0.6 VCC or
VTS < 0.25 VCC
Figure 3. bq2002T State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com