Electronic Components Datasheet Search
  English  ▼

X  

PE43404MLI Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # PE43404MLI
Description  75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43404MLI Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Back Button PE43404MLI Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE43404MLI Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Product Specification
PE43404
Page 6 of 11
©2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0258-02
│ UltraCMOS™ RFIC Solutions
Figure 15. Attenuation Error Vs. Attenuation
Setting
Figure 14. Attenuation Error Vs. Attenuation
Setting
Figure 16. Attenuation Error Vs. Attenuation
Setting
Figure 17. Attenuation Error Vs. Attenuation
Setting
Note: Positive attenuation error indicates higher attenuation than target value
Typical Performance Data @ 25°C, VDD = 3.0 V
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
2
4
6
8
10
12
14
16
Attenuation Setting (dB)
1200MHz, -40C
1200MHz, 25C
1200MHz, 85C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
2468
10
12
14
16
Attenuation Setting (dB)
1000MHz, -40C
1000MHz, 85C
1000MHz, 25C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
2
4
6
8
1012
1416
Attenuation Setting (dB)
500MHz, 85C
500MHz, -40C
500MHz, 25C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
2
4
6
8
10
12
14
16
Attenuation Setting (dB)
10MHz, -40C
10MHz, 25C
10MHz, 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com