Electronic Components Datasheet Search
  English  ▼

X  

BQ2003 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2003
Description  Fast-Charge IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2003 Datasheet(HTML) 4 Page - Texas Instruments

  BQ2003 Datasheet HTML 1Page - Texas Instruments BQ2003 Datasheet HTML 2Page - Texas Instruments BQ2003 Datasheet HTML 3Page - Texas Instruments BQ2003 Datasheet HTML 4Page - Texas Instruments BQ2003 Datasheet HTML 5Page - Texas Instruments BQ2003 Datasheet HTML 6Page - Texas Instruments BQ2003 Datasheet HTML 7Page - Texas Instruments BQ2003 Datasheet HTML 8Page - Texas Instruments BQ2003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Discharge-Before-Charge
The DCMD input is used to command discharge-before-
charge via the DIS output. Once activated, DIS becomes
active (high) until VCELL falls below VEDV, at which time
DIS goes low and a new fast charge cycle begins. See
Table 1 for the conditions that initiate discharge-before-
charge.
Discharge-before-charge is qualified by the
same voltage and temperature conditions that qualify a
new charge cycle start (see below). If a discharge is ini-
tiated but the pack voltage or temperature is out of
range, the chip enters the charge pending mode and
trickle charges the battery until the voltage and tem-
perature qualification conditions are met, and then
starts to discharge.
Starting A Charge Cycle
The stimulus required to start a new charge cycle is de-
termined by the configuration of the CCMD and DCMD
inputs.
If CCMD and DCMD are both pulled up or
pulled down, then a new charge cycle is started by (see
Figure 2):
1.
VCC rising above 4.5V
2.
VCELL falling through the maximum cell voltage,
VMCV.VMCV is the voltage presented at the MCV
input pin, and is configured by the user with a re-
sistor divider between VCC and ground.
The al-
lowed range is 0.2 to 0.4
∗ VCC.
3.
A rising edge on CCMD if it is pulled down, or a fal-
ling edge on CCMD if it is pulled up.
Starting a new charge cycle may be limited to a push-
button or logical pulse input only by pulling one member
of the DCMD and CCMD pair up while pulling the other
input down. In this configuration a new charge cycle
will be started only by a falling edge on CCMD if it is
pulled up, and by a falling edge on CCMD if it is pulled
down. See Table 1.
If the battery is within the configured temperature and
voltage limits, the IC begins fast charge. The valid bat-
tery voltage range is VEDV <VBAT <VMCV where:
VEDV = 0.2
∗ VCC ± 30mV
The valid temperature range is VHTF <VTEMP <VLTF,
where:
VLTF = 0.4
∗ VCC ± 30mV
VHTF = [(1/8
∗ VLTF) + (7/8 ∗ VTCO)] ± 30mV
VTCO is the voltage presented at the TCO input pin, and is
configured by the user with a resistor divider between VCC
and ground. The allowed range is 0.2 to 0.4
∗ VCC.
If the temperature of the battery is out of range, or the
voltage is too low, the chip enters the charge pending
state and waits for both conditions to fall within their
allowed limits.
There is no time limit on the charge
pending state; the charger remains in this state as long
as the voltage or temperature conditons are outside of
4
bq2003
Fast Charging
Top-Off
(Optional)
34 sec.
TD200301a.eps
Discharge
(Optional)
Charge
Pending
DIS
MOD Switch-Mode Configuration
MOD External Regulation
(SNS Grounded)
CHG Status Output
TEMP Status Output
Charge cycle start.
Battery outside temperature limits.
or
Battery within temperature limits.
Battery discharged to 0.2
VCC.
4
sec.
Figure 2. Charge Cycle Phases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com