Electronic Components Datasheet Search
  English  ▼

X  

ST3215SB Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # ST3215SB
Description  3.2횞1.5mm for Consumer/ Mobile Equipment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

ST3215SB Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  ST3215SB Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Small, Low Profile
• Ceramic Package
• Pb Free
• Reflow Compatible
Applications
• Consumer/ Mobile Equipment
How to Order
ST3215SB 32768 □□ □ □ □ □□
①
②
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
32.768kHz
③ Load Capacitance
H5
12.5 pF
④ Frequency Stability
H
±20×10-6
⑤Operating Temp. Range
P
-40 to +85°C
⑥Frequency Temp. Stability
W
±200×10-6
⑦ Individual Specification... Std.Spec. as “AA”
Pb Free
RoHS Compliant
Specifications
Item
Symbol
Specification
Units
Remarks
Nominal Frequency
f_nom
32.768
kHz
Frequency Tolerance
f_tol
±20
×10-6
25°C±3°C
Turnover Temperature
Ti
+25±5
°C
Parabolic Coefficient
B
-0.04 max.
×10-6/ °C2
Motional Resistance
R1
70 max.
k-ohm
Motional Capacitance
C1
3.7 typ.
fF
Shunt Capacitance
C0
0.9 typ.
pF
Load Capacitance
CL
12.5
pF
Please contact us
Drive Level
DL
0.1
µW
Operating Temp. Range
T_use
-40 to +85
°C
Storage Temp. Range
T_stg
-55 to +125
°C
Frequency Aging
f_age
±3
×10-6
Dimensions
(Unit: mm)
3.2 0.1
1.7
Recommended Land Pattern
(Unit: mm)
3.2
×1.5mm for Consumer/ Mobile Equipment
Crystal Units
Surface Mount Type: Tuning Fork ST3215SB


Similar Part No. - ST3215SB

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
ST3215SB32768C0HPWBB KSS-ST3215SB32768C0HPWBB Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB32768E0HPWBB KSS-ST3215SB32768E0HPWBB Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
logo
AVX Corporation
ST3215SB32768H5HPWAA AVX-ST3215SB32768H5HPWAA Datasheet
115Kb / 1P
Surface Mount Type: Tuning Fork ST3215SB
logo
Kyocera Kinseki Corpota...
ST3215SB32768H5HPWAA KSS-ST3215SB32768H5HPWAA Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
More results

Similar Description - ST3215SB

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CPI2016NHL1R0ME SAMWHA-CPI2016NHL1R0ME Datasheet
107Kb / 1P
DC-DC converter circuits for mobile equipment
logo
Murata Manufacturing Co...
XRCGB24M000F3M00R0 MURATA-XRCGB24M000F3M00R0 Datasheet
721Kb / 3P
XRCGB_F_M Series [For Consumer Equipment]
logo
Renesas Technology Corp
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
Household appliances, office equipment, audio equipment, consumer products
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
Electronic household appliances, office equipment, audio equipment, consumer equipment
logo
Mitsumi Electronics, Co...
DCA-PXXX MITSUMI-DCA-PXXX Datasheet
47Kb / 2P
Internal TV Antenna for Mobile Equipment
logo
Tyco Electronics
1734300-1 MACOM-1734300-1 Datasheet
7Mb / 116P
Products for Mobile Equipment
logo
Kyocera Kinseki Corpota...
ST3215SB32768E0HPWBB KSS-ST3215SB32768E0HPWBB Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com