Electronic Components Datasheet Search
  English  ▼

X  

LV9X45DEV Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # LV9X45DEV
Description  LVDS Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV9X45DEV Datasheet(HTML) 1 Page - Pletronics, Inc.

  LV9X45DEV Datasheet HTML 1Page - Pletronics, Inc. LV9X45DEV Datasheet HTML 2Page - Pletronics, Inc. LV9X45DEV Datasheet HTML 3Page - Pletronics, Inc. LV9X45DEV Datasheet HTML 4Page - Pletronics, Inc. LV9X45DEV Datasheet HTML 5Page - Pletronics, Inc. LV9X45DEV Datasheet HTML 6Page - Pletronics, Inc. LV9X45DEV Datasheet HTML 7Page - Pletronics, Inc. LV9X45DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2008, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
LV96/LV98 Series 3.3 V
LVDS Clock Oscillators
January 2008
• Pletronics LV96/LV98 Series is a quartz crystal
controlled precision square wave generator
with an LVDS output.
• Solder pad compatible legacy LVDS oscillator
solutions.
• FR4 base using the LV93 or LV99 5x7 mm
ceramic packaged SMD device.
• Tape and Reel packaging is available.
• 10.9 to 670 MHZ
• Enable/Disable Function:
LV98 on pad 2
LV96 on pad 1
• Low Jitter
This series, LV96 and LV98, is not recommended for new designs.
Use LV93 or LV99 series for new designs .
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.40 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +6.5V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo
Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155
oC
The thermal resistance junction to board is 40 to 80
oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Similar Part No. - LV9X45DEV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV9005 SANYO-LV9005 Datasheet
202Kb / 7P
Optical Sensor Switch IC
LV9005M SANYO-LV9005M Datasheet
202Kb / 7P
Optical Sensor Switch IC
logo
Pletronics, Inc.
LV9320DEV-375.0M PLETRONICS-LV9320DEV-375.0M Datasheet
116Kb / 8P
LVDS Clock Oscillators
LV9320DEV-375.0M-1K PLETRONICS-LV9320DEV-375.0M-1K Datasheet
116Kb / 8P
LVDS Clock Oscillators
LV9320DEV-375.0M-T250 PLETRONICS-LV9320DEV-375.0M-T250 Datasheet
116Kb / 8P
LVDS Clock Oscillators
More results

Similar Description - LV9X45DEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
LVDS Clock Oscillators
LV7X45DEW PLETRONICS-LV7X45DEW Datasheet
200Kb / 9P
LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
LVDS Clock Oscillators
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com