Electronic Components Datasheet Search
  English  ▼

X  

BQ2005 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2005
Description  Fast-Charge IC for Dual-Battery Packs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2005 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2005 Datasheet HTML 7Page - Texas Instruments BQ2005 Datasheet HTML 8Page - Texas Instruments BQ2005 Datasheet HTML 9Page - Texas Instruments BQ2005 Datasheet HTML 10Page - Texas Instruments BQ2005 Datasheet HTML 11Page - Texas Instruments BQ2005 Datasheet HTML 12Page - Texas Instruments BQ2005 Datasheet HTML 13Page - Texas Instruments BQ2005 Datasheet HTML 14Page - Texas Instruments BQ2005 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Timing (TA = 0 to +70°C; VCC ±10%)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
tPW
Pulse width for DCMDA,
pulse command
1-
-
µs
Pulse start for discharge-before-
charge
dFCV
Time base variation
-16
-
16
%
VCC = 4.5V to 5.5V
tREG
MOD output regulation
frequency
-
-
300
kHz
tMCV
Maximum voltage
termination time limit
--
1
s
Time limit to distinguish battery
removed from charge complete
Note:
Typical is at TA = 25°C, VCC = 5.0V.
Impedance
Symbol
Parameter
Minimum
Typical
Maximum
Unit
RBATA,B
Battery A/B input impedance
50
-
-
M
Ω
RTSA,B
TSA,B input impedance
50
-
-
M
Ω
RTCO
TCO input impedance
50
-
-
M
Ω
RSNSA,B
SNSA,B input impedance
50
-
-
M
Ω
bq2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com