Electronic Components Datasheet Search
  English  ▼

X  

YB1921 Datasheet(PDF) 4 Page - YOBON TECHNOLOGIES,INC.

Part # YB1921
Description  3-Pin Microprocessor Reset Monitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1921 Datasheet(HTML) 4 Page - YOBON TECHNOLOGIES,INC.

  YB1921 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1921 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1921 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1921 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1921 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
YB1921
www.yobon.com.tw
4
YB1921
3-Pin Microprocessor Reset Monitor
Pin No.
Symbol
Description
1
GND
Ground
2
RESET
RESET output remains low while Vcc is
below the reset voltage threshold and
for 240msec(typ) after Vcc rises above
reset threshold
3
Vcc
Supply Voltage (typ.)
Package
Reset Vcc
threshold (V)
Part Number
Marking
Marking Information
4.63
YB1921LB-F
S809La
•
4.38
YB1921MB-F
S809Ma
•
4.00
YB1921JB-F
S809Ja
•
3.08
YB1921TB-F
S809Ta
•
2.93
YB1921SB-F
S809Sa
•
SOT-23
2.63
YB1921RB-F
S809Ra
•
Starting with 0, a bar underlined 0 is for
production year 2006, on top of 9 is for year 2007.
And underlined 9 is for year 2008
The next character is marked on top of 8 for
2009, and underlined 8 for 2010. The naming
pattern continues with consecutive characters for
later years.
The last character is the week code. (A-Z: 1-26,
a-z: 27-52)
A dot on top right corner is for lead-free process.
Ordering Information
Ordering/Marking Information
Pin Configuration
Pin Description
3
1
2
VCC
GND
RESET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com