| Electronic Components Datasheet Search |
|
BQ2005S Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
BQ2005S Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 16 page ![]() Functional Description Figure 3 shows a block diagram and Figure 4 shows a state diagram of the bq2005. Battery Voltage and Temperature Measurements Battery voltage and temperature are monitored for maxi- mum allowable values. The voltage presented on the bat- tery sense input, BATA,B, must be divided down to be- tween 0.95 ∗ VCC and 0.475 ∗ VCC for proper operation. A resistor-divider ratio of: RB1 RB2 N 2.375 =− 1 is recommended to maintain the battery voltage within the valid range, where N is the number of cells, RB1 is the resistor connected to the positive battery terminal, and RB2 is the resistor connected to the negative bat- tery terminal. See Figure 1. Note: This resistor-divider network input impedance to end-to-end should be at least 200k Ω and less than 1MΩ. A ground-referenced negative temperature coefficient ther- mistor placed in proximity to the battery may be used as a low-cost temperature-to-voltage transducer. The tempera- ture sense voltage input at TSA,B is developed using a resistor-thermistor network between VCC and VSS. See Figure 1. Both the BATA,B and TSA,B inputs are refer- enced to SNSA,B, so the signals used inside the IC are: VBAT(A,B) -VSNS(A,B) =VCELL(A,B) and VTS(A,B) -VSNS(A,B) =VTEMP(A,B) Discharge-Before-Charge The DCMDA input is used to command discharge- before-charge via the DISA output. Once activated, DISA becomes active (high) until VCELL falls below VEDV where: VEDV = 0.475 ∗ VCC ± 30mV at which time DISA goes low and a new fast charge cycle begins. The DCMDA input is internally pulled up to VCC (its in- active state). Leaving the input unconnected, therefore, results in disabling discharge-before-charge. A negative going pulse on DCMDA initiates discharge-before-charge at any time regardless of the current state of the bq2005. If DCMDA is tied to VSS, discharge-before- charge will be the first step in all newly started charge cycles. Starting A Charge Cycle A new charge cycle is started by (see Figure 2): 1. VCC rising above 4.5V 2. VCELL falling through the maximum cell voltage, VMCV where: VMCV = 0.95 ∗ VCC ± 30mV If DCMDA is tied low, a discharge-before-charge will be executed as the first step of the new charge cycle. Oth- erwise, pre-charge qualification testing will be the first step. The battery must be within the configured temperature and voltage limits before fast charging begins. 3 bq2005 Fg2005-1.eps N T C bq2005 VCC PACK + PACK - TSA,B SNSA,B RT1 RT2 RB2 RB1 bq2005 Negative Temperature Coefficient Thermister PACK+ PACK- BATA,B SNSA,B Figure 1. Voltage and Temperature Monitoring |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |