Electronic Components Datasheet Search
  English  ▼

X  

LTC4077 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4077
Description  Dual Input Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4077 Datasheet(HTML) 5 Page - Linear Technology

  LTC4077 Datasheet HTML 1Page - Linear Technology LTC4077 Datasheet HTML 2Page - Linear Technology LTC4077 Datasheet HTML 3Page - Linear Technology LTC4077 Datasheet HTML 4Page - Linear Technology LTC4077 Datasheet HTML 5Page - Linear Technology LTC4077 Datasheet HTML 6Page - Linear Technology LTC4077 Datasheet HTML 7Page - Linear Technology LTC4077 Datasheet HTML 8Page - Linear Technology LTC4077 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4077
5
4077f
Charge Current vs Supply Voltage
Charge Current vs Battery Voltage
DCIN Power FET “On” Resistance
vs Temperature
USBIN Power FET “On” Resistance
vs Temperature
EN Pin Threshold (Rising) vs
Temperature
HPWR Pin Threshold (Rising) vs
Temperature
DCIN Shutdown Current vs
Temperature
⎯C⎯H⎯R⎯G Pin I-V Curve
Charge Current vs Ambient
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
4077 G09
1000
800
600
400
200
0
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
HPWR = 5V
VDCIN = VUSBIN = 5V
VBAT = 4V
θJA = 40°C/W
RIDC = 1.25k
RIDC = RIUSB = 2k
ONSET OF
THERMAL REGULATION
4077 G08
VDCIN = VUSBIN = 5V
35
30
25
20
15
10
5
0
TA = –40°C
TA = 25°C
TA = 90°C
VCHRG (V)
03
5
12
46
7
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
4077 G14
900
850
800
750
700
650
600
VDCIN = VUSBIN = 5V
4077 G15
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
900
850
800
750
700
650
600
VDCIN = VUSBIN = 5V
4077 G10
VDCIN (V)
900
800
700
600
500
400
300
4.0
5.0
6.0
6.5
4.5
5.5
7.0
7.5
8.0
RIDC = 1.25k
VBAT = 4V
θJA = 35°C/W
ONSET OF
THERMAL REGULATION
TEMPERATURE (
°C)
–50
550
500
450
400
350
300
250
25
75
–25
0
50
100
125
VBAT = 4V
IBAT = 200mA
4077 G12
4077 G13
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
800
750
700
650
600
550
500
450
400
350
VBAT = 4V
IBAT = 200mA
HPWR = 5V
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
4077 G16
50
45
40
35
30
25
20
15
10
5
0
VDCIN = 8V
VDCIN = 5V
VDCIN = 4.3V
EN = 5V
4077 G11
VBAT (V)
2.4
1000
800
600
400
200
0
3.0
3.6
3.9
2.7
3.3
4.2
4.5
VDCIN = VUSBIN = 5V
θJA = 40°C/W
RIDC = 1.25k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com