Electronic Components Datasheet Search
  English  ▼

X  

LTC4078X Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4078X
Description  Dual Input Li-Ion Battery Charger with Overvoltage Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4078X Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4078X Datasheet HTML 8Page - Linear Technology LTC4078X Datasheet HTML 9Page - Linear Technology LTC4078X Datasheet HTML 10Page - Linear Technology LTC4078X Datasheet HTML 11Page - Linear Technology LTC4078X Datasheet HTML 12Page - Linear Technology LTC4078X Datasheet HTML 13Page - Linear Technology LTC4078X Datasheet HTML 14Page - Linear Technology LTC4078X Datasheet HTML 15Page - Linear Technology LTC4078X Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4078X
13
4078xf
APPLICATIONS INFORMATION
Assuming θJA is 40°C/W (see Thermal Considerations),
the ambient temperature at which the LTC4078X will begin
to reduce the charge current is approximately:
TA = 120°C – (5V – 3.3V) • (800mA) • 40°C/W
TA = 120°C – 1.36W • 40°C/W = 120°C – 54.4°C
TA = 65.6°C
The LTC4078X can be used above 65.6°C ambient, but
the charge current will be reduced from 800mA. The ap-
proximate current at a given ambient temperature can be
approximated by:
I
CT
VV
BAT
A
IN
BAT
JA
=
°
120
–
(–
•
)
θ
Using the previous example with an ambient temperature
of 75°C, the charge current will be reduced to approxi-
mately:
I
CC
VV
C W
C
CA
I
BAT =
°°
°
=
°
°
120
75
53 3
40
45
68
–
(– .
) •
/
/
B
BAT
mA
= 662
It is important to remember that LTC4078X applications do
not need to be designed for worst-case thermal conditions,
since the IC will automatically reduce power dissipation
when the junction temperature reaches approximately
120°C.
Thermal Considerations
In order to deliver maximum charge current under all
conditions, it is critical that the exposed metal pad on the
backside of the LTC4078X DFN package is properly sol-
dered to the PC board ground. When correctly soldered to
a 2500mm2 double sided 1oz copper board, the LTC4078X
has a thermal resistance of approximately 40°C/W. Failure
to make thermal contact between the exposed pad on the
backside of the package and the copper board will result
in thermal resistances far greater than 40°C/W. As an
example, a correctly soldered LTC4078X can deliver over
Figure 4. Input Soft Connect Circuit
800mA to a battery from a 5V supply at room temperature.
Without a good backside thermal connection, this number
would drop to much less than 500mA.
Input Capacitor Selection
When an input supply is connected to a portable product,
the inductance of the cable and the high-Q ceramic input
capacitor form an L-C resonant circuit. While the LTC4078X
is capable of withstanding input voltages as high as 22V,
if the input cable does not have adequate mutual coupling
or if there is not much impedance in the cable, it is pos-
sible for the voltage at the input of the product to reach
as high as 2x the input voltage before it settles out. To
prevent excessive voltage from damaging the LTC4078X
during a hot insertion, it is best to have a low voltage coef-
ficient capacitor at the input pins to the LTC4078X. This is
achievable by selecting an X5R or X7R ceramic capacitor
that has a higher voltage rating than that required for the
application. For example, if the maximum expected input
voltage is 15V, a 25V X5R 1µF capacitor would be a better
choice than the smaller 16V X5R capacitor. Note that no
charging will occur with 15V in.
Using a tantalum capacitor or an aluminum electrolytic
capacitor for input bypassing, or paralleling with a ceramic
capacitor will also reduce voltage overshoot during a hot
insertion. Ceramic capacitors with Y5V or Z5U dielectrics
are not recommeded.
Alternatively, the following soft connect circuit can be
employed (as shown in Figure 4).
LTC4078X
DCIN/USBIN
INPUT CABLE
+15V
INPUT
C1
1
µF
C2
100nF
MN1
4078X F04
GND
R1
40k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com