Electronic Components Datasheet Search
  English  ▼

X  

BQ2012 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2012
Description  Gas Gauge IC With Slow-Charge Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2012 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ2012 Datasheet HTML 12Page - Texas Instruments BQ2012 Datasheet HTML 13Page - Texas Instruments BQ2012 Datasheet HTML 14Page - Texas Instruments BQ2012 Datasheet HTML 15Page - Texas Instruments BQ2012 Datasheet HTML 16Page - Texas Instruments BQ2012 Datasheet HTML 17Page - Texas Instruments BQ2012 Datasheet HTML 18Page - Texas Instruments BQ2012 Datasheet HTML 19Page - Texas Instruments BQ2012 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
bq2012
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
Notes
VCC
Relative to VSS
-0.3
7.0
V
All other pins
Relative to VSS
-0.3
7.0
V
REF
Relative to VSS
-0.3
8.5
V
Current limited by R1 (see Figure 1)
VSR
Relative to VSS
-0.3
7.0
V
Minimum 100
Ω series resistor should
be used to protect SR in case of a
shorted battery (see the bq2012 appli-
cation note for details).
TOPR
Operating tempera-
ture
0
70
°C
Commercial
-40
85
°C
Industrial
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera-
tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo-
sure to conditions beyond the operational limits for extended periods of time may affect device reliability.
DC Voltage Thresholds (TA = TOPR; V = 3.0 to 6.5V)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
VEDVF
Final empty warning
0.93
0.95
0.97
V
SB
VEDV1
First empty warning
1.03
1.05
1.07
V
SB
VSR1
Discharge compensation threshold
-120
-150
-180
mV
SR, VSR + VOS (see
note 2)
VORD
Overload threshold
-230
-250
-280
mV
SR, VSR + VOS
VSRO
SR sense range
-300
-
+2000
mV
SR, VSR + VOS
VSRQ
Valid charge
375
-
-
µVVSR +VOS (see note 1)
VSRD
Valid discharge
-
-
-300
µVVSR +VOS (see note 1)
VMCV
Maximum single-cell voltage
2.20
2.25
2.30
V
SB
VBR
Battery removed/replaced
-
0.1
0.25
V
SB pulled low
2.20
2.25
2.30
V
SB pulled high
Notes:
1.
Default value; value set in DMF register. VOS is affected by PC board layout. Proper layout
guidelines should be followed for optimal performance. See “LayoutConsiderations.”
2.
Proper threshold measurements require VCC to be more than 1.5V greater than the desired signal
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com