Electronic Components Datasheet Search
  English  ▼

X  

LTC4096X Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4096X
Description  Dual Input Standalone Li-Ion Battery Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4096X Datasheet(HTML) 2 Page - Linear Technology

  LTC4096X Datasheet HTML 1Page - Linear Technology LTC4096X Datasheet HTML 2Page - Linear Technology LTC4096X Datasheet HTML 3Page - Linear Technology LTC4096X Datasheet HTML 4Page - Linear Technology LTC4096X Datasheet HTML 5Page - Linear Technology LTC4096X Datasheet HTML 6Page - Linear Technology LTC4096X Datasheet HTML 7Page - Linear Technology LTC4096X Datasheet HTML 8Page - Linear Technology LTC4096X Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4096/LTC4096X
2
4096xf
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
VDCIN, VUSBIN
t < 1ms and Duty Cycle < 1% .................. –0.3V to 7V
Steady State............................................. –0.3V to 6V
BAT,
⎯C⎯H⎯R⎯G, SUSP........................................ –0.3V to 6V
IDC, IUSB, ITERM ...........................–0.3V to VCC + 0.3V
BAT Short-Circuit Duration............................ Continuous
PWR Short-Circuit Duration.......................... Continuous
BAT, DCIN Pin Current (Note 6)..............................1.25A
USBIN Pin Current (Note 6) .....................................1.1A
IDC, IUSB, ITERM Pin Current ............................1.25mA
Junction Temperature ........................................... 125°C
Operating Temperature Range (Note 2) ... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1,7)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDCIN
Adapter Supply Voltage
●
4.25
5.5
V
VUSBIN
USB Supply Voltage
●
4.25
5.5
V
IDCIN
DCIN Supply Current
Charge Mode (Note 4), RIDC = 10k
Standby Mode; Charge Terminated
Shutdown Mode (SUSP = 5V)
●
●
250
50
20
800
100
40
µA
µA
µA
IUSBIN
USBIN Supply Current
Charge Mode (Note 5), RIUSB = 10k, VDCIN = 0V
Standby Mode; Charge Terminated, VDCIN = 0V
Shutdown (VDCIN = 0V, SUSP = 5V)
VDCIN > VUSBIN
●
●
250
50
20
10
800
100
40
20
µA
µA
µA
µA
VFLOAT
Regulated Output (Float) Voltage
IBAT = 1mA
IBAT = 1mA, 0°C ≤ TA ≤ 85°C
4.179
4.158
4.2
4.2
4.221
4.242
V
V
IBAT
BAT Pin Current
RIDC = 1.25k, Constant-Current Mode
RIUSB = 2.1k, Constant-Current Mode
RIDC = 10k or RIUSB = 10k
Standby Mode, Charge Terminated
Shutdown Mode (Charger Disabled)
Sleep Mode (VDCIN = 0V, VUSBIN = 0V)
750
450
88
800
476
100
–5
–2
–5
850
500
112
–8
–4
–8
mA
mA
mA
µA
µA
µA
VIDC
IDC Pin Regulated Voltage
Constant-Current Mode, RIDC = 1.25k
1
V
VIUSB
IUSB Pin Regulated Voltage
Constant-Current Mode, RIUSB = 2k
1
V
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
11
4
5
3
2
1
BAT
IDC
GND
IUSB
ITERM
DCIN
USBIN
PWR
CHRG
SUSP
TJMAX = 125°C, θJA = 40°C/W (Note 3)
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DD PART MARKING
LTC4096EDD
LTC4096XEDD
LCSJ
LCLM
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V, RIDC = 1kΩ, RIUSB = 2kΩ, RITERM = 2kΩ unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com