Electronic Components Datasheet Search
  English  ▼

X  

LTC4097EDDB Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4097EDDB
Description  USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4097EDDB Datasheet(HTML) 4 Page - Linear Technology

  LTC4097EDDB Datasheet HTML 1Page - Linear Technology LTC4097EDDB Datasheet HTML 2Page - Linear Technology LTC4097EDDB Datasheet HTML 3Page - Linear Technology LTC4097EDDB Datasheet HTML 4Page - Linear Technology LTC4097EDDB Datasheet HTML 5Page - Linear Technology LTC4097EDDB Datasheet HTML 6Page - Linear Technology LTC4097EDDB Datasheet HTML 7Page - Linear Technology LTC4097EDDB Datasheet HTML 8Page - Linear Technology LTC4097EDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4097
4
4097f
TYPICAL PERFORMANCE CHARACTERISTICS NTC = 0V, HPWR = 5V, T
A = 25°C,
unless otherwise noted.
4097 G09
1.006
1.004
1.002
1.000
0.998
0.996
0.994
VUSBIN = 5V
RIUSB = 10k
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4097 G08
1.006
1.004
1.002
1.000
0.998
0.996
0.994
VDCIN = 5V
RIDC = 10k
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
VIUSB (V)
0
1.2
0.8
1.0
0.6
0.4
4097 G07
0.2
600
500
300
100
400
200
0
VUSBIN = 5V
RIUSB = 2k
VUSBIN (V)
4.25
5.50
5.00
5.25
4097 G05
4.75
4.50
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
IBAT = 10mA
RIUSB = 2k
VDCIN (V)
4.25
5.50
5.00
5.25
4097 G04
4.75
4.50
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
IBAT = 10mA
RIDC = 1k
4097 G03
4.215
4.210
4.205
4.200
4.195
4.190
4.185
4.180
4.175
VDCIN = 5V
RIDC = 1k
VUSBIN = 5V
RIUSB = 2k
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
CHARGE CURRENT (mA)
0
600
300
500
400
4097 G02
200
100
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
VUSBIN = 5V
RIUSB = 2k
CHARGE CURRENT (mA)
0
1200
800
1000
600
400
4097 G01
200
VDCIN = 5V
RIDC = 1k
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
Battery Regulated Output (Float)
Voltage vs DCIN Voltage
Charge Current vs IDC Pin
Voltage
Charge Current vs IUSB Pin
Voltage
IUSB Pin Voltage vs Temperature
(Constant-Current Mode)
Battery Regulated Output (Float)
Voltage vs Charge Current
Battery Regulated Output (Float)
Voltage vs Charge Current
Battery Regulated Output (Float)
Voltage vs Temperature
Battery Regulated Output (Float)
Voltage vs USBIN Voltage
IDC Pin Voltage vs Temperature
(Constant-Current Mode)
VIDC (V)
0
1.2
0.8
1.0
0.6
0.4
4097 G06
0.2
VDCIN = 5V
RIDC = 1k
1200
1000
800
600
400
200
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com