Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4151
Description  High Voltage I2C Current and Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 8Page - Linear Technology LTC4151 Datasheet HTML 9Page - Linear Technology LTC4151 Datasheet HTML 10Page - Linear Technology LTC4151 Datasheet HTML 11Page - Linear Technology LTC4151 Datasheet HTML 12Page - Linear Technology LTC4151 Datasheet HTML 13Page - Linear Technology LTC4151 Datasheet HTML 14Page - Linear Technology LTC4151 Datasheet HTML 15Page - Linear Technology LTC4151 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4151/LTC4151-1
16
41511fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0109 REV A • PRINTED IN USA
41511 TA02
LOAD
RS
0.02Ω
LTC4151
SCL
VIN2
48V
VIN
I2C
SDA
ADR1
ADR0
ADIN
R2
301k
R3
3.4k
R1
150k
D4
D2
F2
GND
GND
SENSE+
SENSE–
V+
V–
D3
VIN1
48V
D1
F1
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC2451
16-Bit I2C Ultra Tiny Delta Sigma ADC
Single-Ended Input, 0 to VCC Input Range, 60Hz Output Rate, 3mm × 2mm
DFN-8 Package
LTC2453
16-Bit I2C Ultra Tiny Delta Sigma ADC
Differential Input, ±VCC Input Range, 60Hz Output Rate, 3mm × 2mm
DFN-8 Package
LTC2970
Power Supply Monitor and Margining Controller
14-Bit ADC Monitoring Current and Voltages, Supplies from 8V to 15V
LTC4215
Positive Hot Swap Controller with ADC and I2C
8-Bit ADC Monitoring Current and Voltages, Supplies from 2.9V to 15V
LTC4260
Positive High Voltage Hot Swap
TM Controller with
ADC and I2C
8-Bit ADC Monitoring Current and Voltages, Supplies from 8.5V to 80V
LTC4261/
LTC4261-2
Negative High Voltage Hot Swap Controller with
ADC and I2C
10-Bit ADC Monitoring Current and Voltages, Supplies from –12V
LTC6101/
LTC6101HV
High Voltage, High Side Current Sense Amplifier
in SOT-23 Package
Supplies from 4V to 60V (LTC6101) and 5V to 100V (LTC6101HV)
Hot Swap and No Latency Delta Sigma are trademarks of Linear Technology Corporation.
High Side Current, Input Voltage and Open Fuse Monitoring
with a Single LTC4151
CONDITION
RESULT
NADIN ≥ 1.375 • NVIN
Normal Operation
0.835 • NVIN ≤ NADIN < 1.375 • NVIN
F2 is Open
0.285 • NVIN ≤ NADIN < 0.835 • NVIN
F1 is Open
(Not Responding)
Both F1 and F2 are Open
VIN1 and VIN2 are within 20% apart. NADIN and NVIN are digital codes measured by
the ADC at the ADIN and VIN pins, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com