Electronic Components Datasheet Search
  English  ▼

X  

LTC4213CDDB Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4213CDDB
Description  No RSENSE??Electronic Circuit Breaker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213CDDB Datasheet(HTML) 5 Page - Linear Technology

  LTC4213CDDB Datasheet HTML 1Page - Linear Technology LTC4213CDDB Datasheet HTML 2Page - Linear Technology LTC4213CDDB Datasheet HTML 3Page - Linear Technology LTC4213CDDB Datasheet HTML 4Page - Linear Technology LTC4213CDDB Datasheet HTML 5Page - Linear Technology LTC4213CDDB Datasheet HTML 6Page - Linear Technology LTC4213CDDB Datasheet HTML 7Page - Linear Technology LTC4213CDDB Datasheet HTML 8Page - Linear Technology LTC4213CDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4213
5
4213f
TYPICAL PERFOR A CE CHARACTERISTICS
∆VGSMAX and ∆VGSARM vs VCC
∆VGSMAX and ∆VGSARM vs
Temperature
VON(TH) vs VCC
VON(TH) vs Temperature
∆VOV vs VCC
∆VOV vs Temperature
tDEBOUNCE and tREADY vs VCC
tDEBOUNCE and tREADY vs
Temperature
tRESET vs VCC
Specifications are at TA = 25°C. VCC = 5V
unless otherwise noted.
BIAS SUPPLY VOLTAGE (V)
2.0
3
5
4
6
7
3.0
4.0
5.0
6.0
4213 G10
8
2.5
3.5
4.5
5.5
∆VGSMAX
∆VGSARM
3
5
4
6
7
4213 G11
8
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
∆VGSMAX (FOR 2.5VCC)
∆VGSARM (FOR 2.5VCC)
∆VGSMAX (FOR 5VCC)
∆VGSARM (FOR 5VCC)
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
4213 G12
2.5
3.5
4.5
5.5
0.65
0.70
0.75
0.80
0.85
0.90
LOW THRESHOLD
HIGH THRESHOLD
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
2.5
3.5
4.5
5.5
0
20
40
60
4213 G16
80
100
tDEBOUNCE
tREADY
BIAS SUPPLY VOLTAGE (V)
2.0
0
40
20
60
80
3.0
4.0
5.0
6.0
4213 G18
100
120
2.5
3.5
4.5
5.5
TEMPERATURE (°C)
–50
0
50
100
125
4213 G13
–25
25
75
0.65
0.70
0.75
0.80
0.85
0.90
LOW THRESHOLD
HIGH THRESHOLD
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
4213 G14
2.5
3.5
4.5
5.5
0.66
0.68
0.70
0.72
0.74
4213 G15
0.4
0.6
0.5
0.7
0.8
0.9
1.0
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
0
20
40
60
4213 G17
80
100
tDEBOUNCE
tREADY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com