Electronic Components Datasheet Search
  English  ▼

X  

LTC4217 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4217
Description  2A Integrated Hot Swap Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4217 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4217 Datasheet HTML 9Page - Linear Technology LTC4217 Datasheet HTML 10Page - Linear Technology LTC4217 Datasheet HTML 11Page - Linear Technology LTC4217 Datasheet HTML 12Page - Linear Technology LTC4217 Datasheet HTML 13Page - Linear Technology LTC4217 Datasheet HTML 14Page - Linear Technology LTC4217 Datasheet HTML 15Page - Linear Technology LTC4217 Datasheet HTML 16Page - Linear Technology LTC4217 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC4217
13
4217fc
APPLICATIONS INFORMATION
12V Fixed Version
In the LTC4217-12 the UV, OV and FB pins are driven by
internal dividers which may need to be filtered to prevent
false faults. By placing a bypass capacitor on these pins
the faults are delayed by the RC time constant. Use the
RIN value from the electrical characteristics table for this
calculation.
In cases where the fixed thresholds need a slight adjust-
ment, placing a resistor from the UV or OV pins to VDD
or GND will adjust the threshold up or down. Likewise
placing a resistor between FB pin to OUT or GND adjusts
the threshold. Again use the RIN value from the electrical
characteristics table for this calculation.
An example in Figure 5 raises the UV turn-on voltage from
9.88V to 10.5V. Increasing the UV level requires adding a
resistor between UV and ground. The resistor, RSHUNT1,
can be calculated using electrical table parameters as
follows:
RSHUNT1 =
R IN
() •VOLD
VNEW –VOLD
()
=
18k • 9.88
10.5 – 9.88
()
= 287k
In this same figure the OV threshold is lowered from
15.05V to 13.5V. Decreasing the OV threshold requires
adding a resistor between VDD and OV. This resistor can
be calculated as follows:
RSHUNT2 =
R IN
() •VOLD
V TH
()
VNEW –VOV TH
()
()
VOLD –VNEW
()
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
=
18k • 15.05
1.235
13.5 – 1.235
()
15.05 – 13.5
()
⎛
⎝⎜
⎞
⎠⎟
= 1.736M
Use the equation for RSHUNT1 for increasing the OV and
FB thresholds. Likewise use the equation for RSHUNT2 for
decreasing the UV and FB thresholds.
Design Example
Consider the following design example (Figure 6): VIN =
12V, IMAX = 2A. IINRUSH = 100mA, CL = 330μF, VUVON =
9.88V, VOVOFF=15.05V,VPWRGD=10.5V.Acurrentlimitfault
triggers an automatic restart of the power-up sequence.
Figure 5. Adjusting LTC4217-12 Thresholds
4217 F05
LTC4217-12
RSHUNT1
RSHUNT2
VDD
OV
UV
Figure 6. 1.5A, 12V Card Resident Application
ADC
C1
0.1μF
12V
VOUT
12V
1.5A
R2
20k
4217 F06
R1
10k
CL
330μF
VDD
UV
OUT
PG
GND
IMON
LTC4217-12DHC
INTVCC
TIMER
FLT
12V
+
The inrush current is defined by the current required to
charge the output capacitor using the fixed 0.3V/ms GATE
charge-up rate. The inrush current is defined as:
IINRUSH = CL •
0.3V
ms
⎛
⎝⎜
⎞
⎠⎟ =
330µF •
0.3V
ms
⎛
⎝⎜
⎞
⎠⎟ =
100mA
As mentioned previously the charge-up time is the out-
put voltage (12V) divided by the output rate of 0.3V/ms
resulting in 40ms. The peak power dissipation of 12V at
100mA (or 1.2W) is within the SOA of the pass MOSFET for
40ms (see MOSFET SOA curve in the Typical Performance
Characteristics section).
NextthepowerdissipatedintheMOSFETduringovercurrent
must be limited. The active current limit uses a timer to
prevent excessive energy dissipation in the MOSFET. The
worst-case power dissipation occurs when the voltage
versus current profile of the foldback current limit is at
the maximum. This occurs when the current is 2A and the
voltage is one half of the 12V or 6V. See the Current Limit
Sense Voltage vs FB Voltage in the Typical Performance
Characteristics section to view this profile. In order to
survive 12W, the MOSFET SOA dictates a maximum time
of 10ms (see SOA graph). Use the internal 2ms timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com